Electronic Components Datasheet Search
  English  ▼

X  

YZP0008 Datasheet(PDF) 1 Page - Texas Instruments

Part # YZP0008
Description  3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

YZP0008 Datasheet(HTML) 1 Page - Texas Instruments

  YZP0008 Datasheet HTML 1Page - Texas Instruments YZP0008 Datasheet HTML 2Page - Texas Instruments YZP0008 Datasheet HTML 3Page - Texas Instruments YZP0008 Datasheet HTML 4Page - Texas Instruments YZP0008 Datasheet HTML 5Page - Texas Instruments YZP0008 Datasheet HTML 6Page - Texas Instruments YZP0008 Datasheet HTML 7Page - Texas Instruments YZP0008 Datasheet HTML 8Page - Texas Instruments YZP0008 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
VIN
VIN
CT
ON
VOUT
VOUT
PG
GND
TPS22971
Power Supply
CIN
CT
ON
OFF
VIN
PG
RPU
CL
RL
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TPS22971
SLVSDK7 – APRIL 2017
TPS22971 3.6-V, 3-A, 7.5-mΩ On-Resistance Load Switch With Adjustable Fast Turnon
and Power Good
1
1 Features
1
•
Input Voltage Range (VIN): 0.65 V to 3.6 V
•
On-Resistance
–
RON = 7.5 mΩ (typical) at VIN ≥ 1.8 V
–
RON = 8 mΩ (typical) at VIN = 1.05 V
–
RON = 10 mΩ (typical) at VIN = 0.65 V
•
Maximum Continuous Switch Current (IMAX): 3 A
•
ON State (IQ): 35 µA (typical)
•
OFF State (ISD): 1 µA (typical)
•
Controlled and Adjustable Slew Rate through CT
Pin
•
Power Good (PG) Indicator After Switch Turn ON
•
Low Threshold Enable (ON) supports use of logic
as low as 0.9 V (VIH) of Logic
•
Thermal Shutdown (TSD): TJ > 125°C
•
Quick Output Discharge (QOD): 150-Ω (typical)
2 Applications
•
Notebook, Tablet
•
Industrial PC
•
Smartphones
•
Telecom
•
Storage
3 Description
The TPS22971 is a space-saving single-channel load
switch with controlled and adjustable turnon slew rate
and an integrated PG indicator. The device contains
an N-channel MOSFET that can operate over a low
input voltage range of 0.65 V to 3.6 V and can
support a maximum continuous current of 3 A. A Low
on-resistance of 7.5-mΩ minimizes the power loss
and voltage drop across the load switch. The switch
is controlled by an on and off input (ON), which is
capable of interfacing directly with low-voltage control
signals.
The TPS22971 is capable of thermal shutdown to
turn off when the junction temperature is above the
recommended operating maximum. The switch turns
on again when the junction temperature lowers to a
safe range.
The TPS22971 has a 150-Ω on-chip resistor for quick
discharge of the output when switch is disabled to
avoid any unknown state caused by floating supply to
the downstream load.
The TPS22971 has an internally adjustable rise time
in order to reduce inrush current. The switch also has
integrated Power Good (PG) indicator for seamless
downstream power sequencing.
The TPS22971 is available in a 1.9-mm × 0.9-mm,
0.4-mm pin pitch, 0.5-mm height 8-pin DSBGA
package and is characterized for operation over the
temperature range of –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22971YZPT
DSBGA (8)
1.90 mm × 0.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Description - YZP0008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22925 TI1-TPS22925 Datasheet
629Kb / 25P
3.6-V, 3-A, 9Ohm On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22999 TI-TPS22999 Datasheet
1Mb / 26P
TPS22999 4.5-V, 1.5-A, 7.5-mΩ On-Resistance Fast Turn-On Load Switch With Regulated Inrush Current
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com