Electronic Components Datasheet Search
  English  ▼

X  

YZP0008 Datasheet(PDF) 7 Page - Texas Instruments

Part # YZP0008
Description  3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

YZP0008 Datasheet(HTML) 7 Page - Texas Instruments

Back Button YZP0008 Datasheet HTML 3Page - Texas Instruments YZP0008 Datasheet HTML 4Page - Texas Instruments YZP0008 Datasheet HTML 5Page - Texas Instruments YZP0008 Datasheet HTML 6Page - Texas Instruments YZP0008 Datasheet HTML 7Page - Texas Instruments YZP0008 Datasheet HTML 8Page - Texas Instruments YZP0008 Datasheet HTML 9Page - Texas Instruments YZP0008 Datasheet HTML 10Page - Texas Instruments YZP0008 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Control Logic
Charge Pump
Driver
PG
VOUT
GND
CT
ON
VIN
Copyright © 2017, Texas Instruments Incorporated
7
TPS22971
www.ti.com
SLVSDK7 – APRIL 2017
Product Folder Links: TPS22971
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS22971 is a single channel, 3-A load switch in a small, space-saving DSBGA-8 package. This device
implements a low resistance N-channel MOSFET with a controlled rise time for applications that need to limit the
inrush current.
The controlled rise time for the device greatly reduces inrush current caused by large bulk load capacitances,
thereby reducing or eliminating power supply droop. The adjustable slew rate through CT provides the design
flexibility to trade off the inrush current and power up timing requirements. Integrated PG indicator notifies the
system about the status of the load switch to facilitate power sequencing.
This device is also designed to have low leakage current during off state, which prevents downstream circuits
from pulling high standby current from the supply. Integrated control logic, driver, power supply, and output
discharge FET eliminates the need for additional external components, which reduces solution size and bill of
materials (BOM) count.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 On and Off Control
The ON pin controls the state of the switch. Asserting ON high enables the switch. ON has a low threshold,
making it capable of interfacing with low-voltage signals. The ON pin is compatible with standard GPIO logic. It
can be used with any microcontroller with 1.2-V, 1.8-V, 2.5-V or 3.3-V GPIOs. This pin does not have an internal
bias and must not be left floating for proper functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com