Electronic Components Datasheet Search
  English  ▼

X  

85222AMLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 85222AMLF
Description  Dual LVCMOS / LVTTL-TO-Differential
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

85222AMLF Datasheet(HTML) 1 Page - Integrated Device Technology

  85222AMLF Datasheet HTML 1Page - Integrated Device Technology 85222AMLF Datasheet HTML 2Page - Integrated Device Technology 85222AMLF Datasheet HTML 3Page - Integrated Device Technology 85222AMLF Datasheet HTML 4Page - Integrated Device Technology 85222AMLF Datasheet HTML 5Page - Integrated Device Technology 85222AMLF Datasheet HTML 6Page - Integrated Device Technology 85222AMLF Datasheet HTML 7Page - Integrated Device Technology 85222AMLF Datasheet HTML 8Page - Integrated Device Technology 85222AMLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Dual LVCMOS / LVTTL-TO-Differential
LVHSTL Translator
85222
DATASHEET
85222 REVISION C 5/7/15
1
©2015 Integrated Device Technology, Inc.
The
85222
is
a
Dual
LVCMOS
/
LVTTL-to-
Differential LVHSTL Translator.The 85222 has two single ended
clock inputs. The single ended clock input accepts LVCMOS or
LVTTL input levels and translates them to LVHSTL levels. The
small outline 8-pin SOIC package makes this device ideal for
applications where space, high performance and low power are
important. For optimum performance, both output pairs need to
be terminated, even if one output pair is unused.
GENERAL DESCRIPTION
FEATURES
• 2 differential LVHSTL outputs
• Selectable CLK0, CLK1 LVCMOS clock inputs
• CLK0 and CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 350MHz
• Part-to-part skew: 350ps (maximum)
• Propagation delay: 1.3ns (maximum)
• V
OH: 1.2V (maximum)
• 3.3V and 2.5V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Lead-Free package fully RoHS compliant
BLOCK DIAGRAM
PIN ASSIGNMENT
85222
8-Lead SOIC
3.90mm x 4.92mm x 1.37mm body package
M Package
Top View
Q0
nQ0
Q1
nQ1
1
2
3
4
Q0
nQ0
Q1
nQ1
CLK0
CLK1
VDD
CLK0
CLK1
GND
8
7
6
5


Similar Part No. - 85222AMLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
85222AMLF RENESAS-85222AMLF Datasheet
358Kb / 14P
Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
5/7/15
85222AMLFT RENESAS-85222AMLFT Datasheet
358Kb / 14P
Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
5/7/15
More results

Similar Description - 85222AMLF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
List of Unclassifed Man...
T73LVP22 ETC1-T73LVP22 Datasheet
293Kb / 4P
Dual 3.3V LVTTL/LVCMOS-to-Differential
logo
Integrated Circuit Syst...
ICS85222-01 ICST-ICS85222-01 Datasheet
154Kb / 13P
DUAL LVCMOS / LVTTL-TO DIFFERENTIAL
REV. A NOVEMBER 15, 2005
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
logo
Potato Semiconductor Co...
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V_09 Datasheet
47Kb / 5P
3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
SY100EPT22V MICREL-SY100EPT22V_08 Datasheet
74Kb / 6P
3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222 RENESAS-85222 Datasheet
358Kb / 14P
Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
5/7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com