Electronic Components Datasheet Search
  English  ▼

X  

STA333SML Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA333SML
Description  Automatic zero-detect mute
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333SML Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA333SML Datasheet HTML 4Page - STMicroelectronics STA333SML Datasheet HTML 5Page - STMicroelectronics STA333SML Datasheet HTML 6Page - STMicroelectronics STA333SML Datasheet HTML 7Page - STMicroelectronics STA333SML Datasheet HTML 8Page - STMicroelectronics STA333SML Datasheet HTML 9Page - STMicroelectronics STA333SML Datasheet HTML 10Page - STMicroelectronics STA333SML Datasheet HTML 11Page - STMicroelectronics STA333SML Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical specifications
STA333SML
8/17
DocID025317 Rev 2
3.5
Electrical specifications - power section
The specifications in Table 7 below are given for the conditions VCC = 13 V, VDD = 3.3 V,
fSW = 384 kHz, Tamb = 25 °C and RL = 8 , unless otherwise specified.
Table 7. Electrical specifications for power section
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Po
Output power BTL
THD = 1%
-
8
-
W
THD = 10%
-
10
-
RdsON
Power P-
channel/N-channel
MOSFET (total bridge)
ld = 1 A
-
106
m
ldss
Power P-
channel/N-channel leakage
VCC = 18 V
-
-
10
µA
gP
Power P-channel RdsON
matching
ld = 1 A
95
-
-
%
gN
Power N-channel RdsON
matching
ld = 1 A
95
-
-
%
ILDT
Low-current dead time
(static)
Resistive load,
refer to Figure 4
-
5
10
ns
IHDT
High-current dead time
(dynamic)
Refer to Figure 5
-10
20
ns
tr
Rise time
Resistive load,
refer to Figure 4
-
8
10
ns
tf
Fall time
Resistive load,
refer to Figure 4
-
8
10
ns
VCC
Supply voltage
-
4.5
-
18
V
IVCC
Supply current from VCC in
power down
PWRDN = 0
30
60
200
µA
Supply current from VCC in
operation
PCM input signal = -60 dBFS
Switching frequency =
384 kHz
No LC filters
-30
50
mA
IVDD_DIG
Supply current for FFX
processing (reference only)
Internal clock = 49.152 MHz
10
30
50
mA
Supply current in standby
-
8
11
25
mA
Av_DIG
Digital Gain
24
dBFS
ISCP
Short-circuit protection
High-impedance output (1)
2.7
3.8
5.0
A
VOVP
Overvoltage protection
threshold
22.9
V
VUVP
Undervoltage protection
threshold
--
3.5
4.3
V
tmin
Output minimum pulse
width
No load
20
30
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com