Electronic Components Datasheet Search
  English  ▼

X  

STA333SML Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA333SML
Description  Automatic zero-detect mute
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333SML Datasheet(HTML) 5 Page - STMicroelectronics

  STA333SML Datasheet HTML 1Page - STMicroelectronics STA333SML Datasheet HTML 2Page - STMicroelectronics STA333SML Datasheet HTML 3Page - STMicroelectronics STA333SML Datasheet HTML 4Page - STMicroelectronics STA333SML Datasheet HTML 5Page - STMicroelectronics STA333SML Datasheet HTML 6Page - STMicroelectronics STA333SML Datasheet HTML 7Page - STMicroelectronics STA333SML Datasheet HTML 8Page - STMicroelectronics STA333SML Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DocID025317 Rev 2
5/17
STA333SML
Pin description
17
2.2
Pin list
Table 2. Pin description
Pin n°
Name
Description
Pad information
I/O pins
B4
LRCKI
I²S Left/Right clock
C4
BICKI
I²S serial clock
A5
SDI
I²S serial data channels 1 & 2
D5
XTI
Master clock input
E4
PWDN
-’0’ = power-down; ‘1’=normal operation
D4
INTLINE
-’0’ = power bridge in fault; ‘1’=normal operation
Power output pins
A2
OUT1A
Positive output 1
C1
OUT1B
Negative output 1
D1
OUT2A
Positive output 2
F2
OUT2B
Negative output 2
Power supplies (preliminary)
B2/C2
VCC1
Positive supply (upper MOSFET) to left H-bridge P output
E2/D2
VCC2
Positive supply (upper MOSFET) to right H-bridge P output
A1/B1
GND1
Negative supply (lower MOSFET) to left H-bridge P output
E1/F1
GND2
Negative supply (lower MOSFET) to right H-bridge P output
D3
VCCREG Reference voltage to VCC
These pins are output pins
that must be externally
filtered. Do not connect
these pins to external supply
voltage.
C3
GNDREG Reference voltage to ground
A4
VDDREG Reference voltage to 3.3 V
F4
VSS
Reference voltage to VCC - 3.3 V
B5
VDD_DIG Digital supply
C5
GND_DIG Digital ground
E5
VDD_PLL PLL supply
F5
GND_PLL PLL ground
A3, B3,
E3, F3
NC
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com