Electronic Components Datasheet Search
  English  ▼

X  

STA333SML Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA333SML
Description  Automatic zero-detect mute
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333SML Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA333SML Datasheet HTML 6Page - STMicroelectronics STA333SML Datasheet HTML 7Page - STMicroelectronics STA333SML Datasheet HTML 8Page - STMicroelectronics STA333SML Datasheet HTML 9Page - STMicroelectronics STA333SML Datasheet HTML 10Page - STMicroelectronics STA333SML Datasheet HTML 11Page - STMicroelectronics STA333SML Datasheet HTML 12Page - STMicroelectronics STA333SML Datasheet HTML 13Page - STMicroelectronics STA333SML Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Electrical specifications
STA333SML
10/17
DocID025317 Rev 2
3.6
Power-off sequence
The power-off sequence shown in Figure 3 below ensures a pop-free turn-off.
Figure 3. Power-off sequence
3.7
Testing
Figure 4. Test circuit
Figure 5. Current deadtime test circuit
Don’t care
Don’t care
Don’t care
Don’t care
Don’t care
Don’t care
No specific VCC and VDD_DIG turn-off sequence is required
VCC
VDD_DIG
XTI
Low current dead time = MAX(DTr,DTf)
OUTxY
Vcc
(3/4)Vcc
(1/2)Vcc
(1/4)Vcc
t
DTf
DTr
Duty cycle = 50%
INxY
OUTxY
gnd
+Vcc
M58
M57
R 8
Ω
+
-
V67 =
vdc = Vcc/2
D03AU1458
High Current Dead time for Bridge application = ABS(DTout(A)-DTin(A))+ABS(DTOUT(B)-DTin(B))
+VCC
Rload=8
Ω
Q2
OUTB
)
B
(
n
i
T
D
)
B
(
t
u
o
T
D
DTout(A)
C71 470nF
C70
470nF
C69
470nF
Iout=4A
Iout=4A
Q4
Q1
Q3
M64
INB
M63
D03AU1517
M58
INA
M57
DTin(A)
Duty cycle=A
Duty cycle=B
Duty cycle A and B: Fixed to have DC output current of 4A in the direction shown in figure
L68 22
μ
L67 22
μ
OUTA
Lout = 1.5 A
Lout = 1.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com