Electronic Components Datasheet Search
  English  ▼

X  

STA333SML Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA333SML
Description  Automatic zero-detect mute
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333SML Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA333SML Datasheet HTML 5Page - STMicroelectronics STA333SML Datasheet HTML 6Page - STMicroelectronics STA333SML Datasheet HTML 7Page - STMicroelectronics STA333SML Datasheet HTML 8Page - STMicroelectronics STA333SML Datasheet HTML 9Page - STMicroelectronics STA333SML Datasheet HTML 10Page - STMicroelectronics STA333SML Datasheet HTML 11Page - STMicroelectronics STA333SML Datasheet HTML 12Page - STMicroelectronics STA333SML Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID025317 Rev 2
9/17
STA333SML
Electrical specifications
17
THD+N
Total harmonic distortion
and noise
FFX stereo mode, Po = 1 W,
f = 1 kHz
-
0.05
0.2
%
DR
Dynamic range
-
-
100
-
dB
SNR
Signal to noise ratio in
ternary mode
A-weighted
-
100
-
dB
Signal to noise ratio in
binary mode
A-weighted
-
90
-
PSRR
Power supply rejection ratio
FFX stereo mode, < 5 kHz,
VRIPPLE = 1 V RMS
audio input = dither only
-80
-
dB
XTALK
Crosstalk
FFX stereo mode, < 5 kHz,
One channel driven at 1 W
the other channel measured
-80
-
dB
Peak efficiency
in FFX mode
Po = 2 x 10 W into 8
-90
-
%
1.
The ISCP current limit data is for 1 channel of BTL configuration, thus, 2 * ISCP drives the 2-channel BTL
configuration.
Table 7. Electrical specifications for power section (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com