Electronic Components Datasheet Search
  English  ▼

X  

ESDA18-1F4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDA18-1F4
Description  Unidirectional device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18-1F4 Datasheet(HTML) 6 Page - STMicroelectronics

  ESDA18-1F4 Datasheet HTML 1Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 2Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 3Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 4Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 5Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 6Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 7Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
ESDA18-1F4
6/8
Doc ID 023828 Rev 1
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 13.
Package dimensions
Note:
Product marking may be rotated by 90° for assembly plant differentiation. In no case should
this product marking be used to orient the component for its placement on a PCB. Only pin
1 mark is to be used for this purpose.
Figure 14.
Foot print recommendations
Figure 15.
Marking
172 µm
645 µm ± 30 µm
175 µm ± 20 µm
120µm
300 µm ± 30
605 µm ± 55
Copper pad diameter:
220 µm recommended
260 µm maximum
Solder stencil opening:
220 µm recommended
Solder mask opening:
300 µm minimum
y
E
Dot,
xx = marking



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com