Electronic Components Datasheet Search
  English  ▼

X  

ESDA18-1F4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA18-1F4
Description  Unidirectional device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18-1F4 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA18-1F4 Datasheet HTML 1Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 2Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 3Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 4Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 5Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 6Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 7Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
ESDA18-1F4
4/8
Doc ID 023828 Rev 1
Figure 10.
Clamping voltage versus peak-
pulse current (typical values)
Figure 11.
Variation of leakage current versus
junction temperature (typical
values)
0.1
1
10
100
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
8/20µs
Tj = -30 / 25 /85 / 125 °C
IPP(A)
VCL(V)
0.1
1
10
100
2535
4555
65
7585
95
105
115
125
IR (nA)
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com