Electronic Components Datasheet Search
  English  ▼

X  

ESDA18-1F4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA18-1F4
Description  Unidirectional device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18-1F4 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA18-1F4 Datasheet HTML 1Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 2Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 3Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 4Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 5Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 6Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 7Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ESDA18-1F4
Characteristics
Doc ID 023828 Rev 1
3/8
Figure 4.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 5.
ESD response to IEC 61000-4-2
(-8 kV contact discharge)
5V/div
V
eak
CL: P
clamping voltage
V :clamping voltage at 30 ns
V :clamping voltage at 60 ns
V :clamping voltage at 100 ns
CL
CL
CL
1
2
3
4
34.2 V
1
21.8 V
2
20.5 V
17.5 V
4
3
2
20 ns/div
5 V/div
V : Peak clamping voltage
CL
V :clamping voltage at 30 ns
V :clamping voltage at 60 ns
V :clamping voltage at 100 ns
CL
CL
CL
1
2
3
4
-17.6 V
1
-3.2 V
-4.9 V
3
-1.5 V
2
4
20 ns/div
Figure 6.
Junction capacitance versus
reverse applied voltage (typical
values)
Figure 7.
Insertion losses versus frequency
(typical values)
Figure 8.
Peak pulse power versus
exponential pulse duration
(maximum values)
Figure 9.
Variation of peak pulse power
versus initial junction temperature
(maximum values)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0123456789
10
11
12
13
14
15
F = 1 MHz
Vosc = 30 mV
VR(V)
Tj = 25 °C
C(pF)
100k
1M
10M
100M
1G
-50
-40
-30
-20
-10
0
S21
S21 (dB)
F/Hz
1
10
100
1000
10000
10
100
1000
T
= 25
j
initial
°C
t p (µs)
P
(W)
PP
P
(W)
PP
0
50
100
150
200
250
300
350
400
450
500
0
25
50
75
100
125
150
8/20µs
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com