Electronic Components Datasheet Search
  English  ▼

X  

ESDA18-1F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA18-1F4
Description  Unidirectional device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18-1F4 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA18-1F4 Datasheet HTML 1Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 2Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 3Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 4Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 5Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 6Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 7Page - STMicroelectronics ESDA18-1F4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
October 2012
Doc ID 023828 Rev 1
1/8
8
ESDA18-1F4
Transil™, transient voltage suppressor in 0.3 mm pitch
Datasheet
− production data
Features
■ Strong ESD and EOS protection
■ Very low clamping factor VCL/VBR
■ Unidirectional device
■ Fast response time
■ Very thin package
■ Very small PCB area
■ RoHS compliant
Complies with the following standards:
■ IEC 61000-4-2 level 4
– ±15 kV (air discharge)
– ±8 kV (contact discharge)
Description
The ESDA18-1F4 is a single line diode designed
specifically for the protection of integrated circuits
in portable equipment and miniaturized
electronics devices subject to ESD and EOS
transient overvoltages.
Figure 1.
Pin configuration (bump side)
Figure 2.
Device configuration
Note:
B1 and B2 bumps must be grounded
on the PCB together
TM: Transil is a trademark of STMicroelectronics
Flip Chip
(4 bumps)
B
1
2
A
A1 and A2
B1 and B2
www.st.com


Similar Part No. - ESDA18-1F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA18-1F STMICROELECTRONICS-ESDA18-1F Datasheet
107Kb / 8P
Transil, transient voltage suppressor
18-Apr-2008
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2 Datasheet
88Kb / 7P
Transient Voltage Suppressor
2005-May-09
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2 Datasheet
107Kb / 8P
Transil, transient voltage suppressor
18-Apr-2008
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
Transil, transient voltage suppressor
18-Apr-2008
More results

Similar Description - ESDA18-1F4

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SLVU2.8K MICROSEMI-SLVU2.8K Datasheet
235Kb / 3P
UNIDIRECTIONAL TVSarray
logo
Shanghai Semitech Semic...
ESD9X3V3 SEMITECH-ESD9X3V3 Datasheet
201Kb / 3P
Unidirectional Configurations
SD05C SEMITECH-SD05C Datasheet
126Kb / 3P
Unidirectional Configurations
logo
STMicroelectronics
SMM4FXXA STMICROELECTRONICS-SMM4FXXA Datasheet
625Kb / 12P
Unidirectional type
19-Jan-2017
logo
ON Semiconductor
NSPM5131 ONSEMI-NSPM5131 Datasheet
69Kb / 4P
Unidirectional ESD
November, 2016 ??Rev. 1
ESDU3121 ONSEMI-ESDU3121 Datasheet
290Kb / 6P
12 V Unidirectional ESD and Surge Protection Device
September, 2018 ??Rev. 1
NSPU3051 ONSEMI-NSPU3051 Datasheet
391Kb / 7P
5.5 V Unidirectional ESD and Surge Protection Device
December, 2020 ??Rev. 4
NSPU3061 ONSEMI-NSPU3061 Datasheet
339Kb / 7P
6.3 V Unidirectional ESD and Surge Protection Device
March, 2019 ??Rev. 3
logo
Microsemi Corporation
MPLAD7.5KP10A MICROSEMI-MPLAD7.5KP10A Datasheet
394Kb / 6P
7.5 kW, Unidirectional and Bidirectional TVS Protection Device
Rev B
logo
Texas Instruments
TSM24B TI-TSM24B Datasheet
1Mb / 14P
TSM24B Unidirectional Surge Protection Device in SOT-23
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com