Electronic Components Datasheet Search
  English  ▼

X  

PC87410 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87410
Description  PC87410 PCI-IDE Interface Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87410 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button PC87410 Datasheet HTML 5Page - National Semiconductor (TI) PC87410 Datasheet HTML 6Page - National Semiconductor (TI) PC87410 Datasheet HTML 7Page - National Semiconductor (TI) PC87410 Datasheet HTML 8Page - National Semiconductor (TI) PC87410 Datasheet HTML 9Page - National Semiconductor (TI) PC87410 Datasheet HTML 10Page - National Semiconductor (TI) PC87410 Datasheet HTML 11Page - National Semiconductor (TI) PC87410 Datasheet HTML 12Page - National Semiconductor (TI) PC87410 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Configuration Registers The configuration register map is shown in Table I (Continued)
TABLE I
(Continued)
Reg
RW
Description
(in HEX)
43
IDE CHANNEL 0 FUNCTION REGISTER
bit3
channel 0 IO decode enable bit
1 enable (default)
0 disable
bit2
IORDY0 function control
1 enable
0 disable (default)
bit1
CH0
INT status (read only)
1 interrupt pending
0 no interrupt pending
bit0
CH0
INT request to be masked or not
1 be masked
0 not be masked (default)
44
IDE CHANNEL 1 TIMING CONTROL REGISTER
This register is the cycle control register for 170h port
Default is set at B5h (Note 1)
bit 7 6
addresschip select setup time
0 0
1 PCI clk
0 1
2 PCI clk
1 0
3 PCI clk
(default)
1 1
4 PCI clk
bit543
addresschip selectwrite data hold time
0 0 0
1 PCI clk
0 0 1
2 PCI clk
0 1 0
3 PCI clk
0 1 1
4 PCI clk
1 0 0
5 PCI clk
1 0 1
6 PCI clk
1 1 0
8 PCI clk
(default)
1 1 1
12 PCI clk
bit210
Command active time
0 0 0
2 PCI clk
0 0 1
3 PCI clk
0 1 0
4 PCI clk
0 1 1
5 PCI clk
1 0 0
6 PCI clk
1 0 1
8 PCI clk
(default)
1 1 0
12 PCI clk
1 1 1
16 PCI clk
45
WO
IDE CHANNEL 1 READAHEAD COUNTER LOW BYTE
It provides values for loading bit0 – bit7 of read
ahead counter
bit0
bit0 of the read
ahead counter
bit1
bit1 of the read
ahead counter
bit2
bit2 of the read
ahead counter
bit3
bit3 of the read
ahead counter
bit4
bit4 of the read
ahead counter
bit5
bit5 of the read
ahead counter
bit6
bit6 of the read
ahead counter
bit7
bit7 of the read
ahead counter
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com