Electronic Components Datasheet Search
  English  ▼

X  

PC87410 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87410
Description  PC87410 PCI-IDE Interface Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87410 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC87410 Datasheet HTML 6Page - National Semiconductor (TI) PC87410 Datasheet HTML 7Page - National Semiconductor (TI) PC87410 Datasheet HTML 8Page - National Semiconductor (TI) PC87410 Datasheet HTML 9Page - National Semiconductor (TI) PC87410 Datasheet HTML 10Page - National Semiconductor (TI) PC87410 Datasheet HTML 11Page - National Semiconductor (TI) PC87410 Datasheet HTML 12Page - National Semiconductor (TI) PC87410 Datasheet HTML 13Page - National Semiconductor (TI) PC87410 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Configuration Registers The configuration register map is shown in Table I (Continued)
TABLE I
(Continued)
Reg
RW
Description
(in HEX)
46
Bit 7 is
IDE CHANNEL 1 READ
AHEAD COUNTER HIGH BYTE
RW
It provides values for loading bit8 – bit9 of read
ahead counter
others
bit0
bit8 of the readahead counter
are WO
bit1
bit9 of the readahead counter
bit7
readahead function control
1 enable
0 disable (default)
47
IDE CHANNEL 1 FUNCTION REGISTER
bit3
channel 1 IO decode enable bit
1 enable (default)
0 disable
bit2
IORDY1 function control
1 enable
0 disable (default)
bit1
CH1INT status (read only)
1 interrupt pending
0 no interrupt pending
bit0
CH1INT request to be masked or not
1 be masked
0 not be masked (default)
48
PCI CONTROL REGISTER
bit3
host posted write cycle timing select
1 min 1 wait state (default)
0 min 0 wait state (Note 2)
bit2
active HDDRST
output active control
1 activate HDDRST (default)
0 No action
bit1
DEVSEL
timing select
1 medium (default)
0 fast
bit0
Header for IDE support on PCI is present or not
1 present
0 absent Default
Values is determined by the ‘‘Header Pin’’
49 – 4F
Not used
Note 1
Total cycle time is calculated by adding setup time hold time and active time plus 1 clk
Note 2
When 0 wait state is used then DEVSEL
timing select bit should be set to 0 (fast)
Note 3
If register 40 is 00 then IORDY0 should be disabled
If register 44 is 00 then IORDY1 should be disabled
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com