Electronic Components Datasheet Search
  English  ▼

X  

ESDAVLC6-1V2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ESDAVLC6-1V2
Description  Single line low capacitance Transil™ for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC6-1V2 Datasheet(HTML) 7 Page - STMicroelectronics

  ESDAVLC6-1V2 Datasheet HTML 1Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 2Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 3Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 4Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 5Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 6Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 7Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DocID025241 Rev 1
7/8
ESDAVLC6-1V2
Ordering information
8
4
Ordering information
Figure 10. Ordering information scheme
5
Revision history
Table 3. Ordering information
Order code
Marking
Weight
Base qty
Delivery mode
ESDAVLC6-1V2
L
0.041 mg
20 000
Tape and reel
ESDA
-
VLC 6 1 V2
ESD array
Very low capacitance
Breakdown voltage
6 = 6 V min.
Directional
=
idirectional
1
Un
Package
V = ST01005 package
2 = 2 pads
Table 4. Document revision history
Date
Revision
Changes
05-Jun-2014
1
First issue



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com