Electronic Components Datasheet Search
  English  ▼

X  

ESDAVLC6-1V2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDAVLC6-1V2
Description  Single line low capacitance Transil™ for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC6-1V2 Datasheet(HTML) 5 Page - STMicroelectronics

  ESDAVLC6-1V2 Datasheet HTML 1Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 2Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 3Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 4Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 5Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 6Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 7Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DocID025241 Rev 1
5/8
ESDAVLC6-1V2
Recommendation on PCB assembly
8
3
Recommendation on PCB assembly
3.1
Stencil opening design
Stencil opening thickness: 80 µm
Figure 8. Recommended stencil window position
3.2
Solder paste
1.
Use halide-free flux, qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste recommended.
3.
Offers a high tack force to resist component displacement during PCB movement.
4.
Solder paste with fine particles: type 4 (powder particle size 20-38 µm per IPC J-STD-
005).
K = 180 µm
L = 180 µm
M = 150 µm
Solder pad
PCB opening
Stencil aperture (thickness stencil: 80 µm)
K
L
M
N
N = 30 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com