Electronic Components Datasheet Search
  English  ▼

X  

ESDAVLC6-1V2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDAVLC6-1V2
Description  Single line low capacitance Transil™ for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC6-1V2 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDAVLC6-1V2 Datasheet HTML 1Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 2Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 3Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 4Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 5Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 6Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 7Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Package information
ESDAVLC6-1V2
4/8
DocID025241 Rev 1
2
Package information
•
Epoxy meets UL94, V0
•
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 6. Package dimensions
Figure 7. Footprint recommendation
50 µm
50 µm
50 µm
75 µm
75 µm
200 µm
25 µm ± 10
450 µm ± 20
Solder pad
PCB opening
A = 225 µm
B = 225 µm
C = 50 µm
D = 180 µm
E = 180 µm
F = 100 µm
G = 530 µm
H = 40 µm
I = 112.5 µm
J = 270 µm
A
B
C
D
E
F
G
H
I
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com