Electronic Components Datasheet Search
  English  ▼

X  

ESDAVLC6-1V2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDAVLC6-1V2
Description  Single line low capacitance Transil™ for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC6-1V2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDAVLC6-1V2 Datasheet HTML 1Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 2Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 3Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 4Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 5Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 6Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 7Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID025241 Rev 1
3/8
ESDAVLC6-1V2
Characteristics
8
Figure 5.
L
S21 attenuation measurement
Figure 3. ESD response to IEC 61000-4-2
(typical values, +8 kV contact discharge)
Figure 4. ESD response to IEC 61000-4-2
(typical values, -8 kV contact discharge)
20 V/div
20 ns/div
V : ESD peak voltage
PP
V :clamping voltage @ 30 ns
CL
V :clamping voltage @ 60 ns
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
55 V
2
18 V
4
32 V
3
1
88 V
20 V/div
-73 V
-33 V
-18 V
-6 V
20 ns/div
V : ESD peak voltage
PP
V :clamping voltage @ 30 ns
CL
V :clamping voltage @ 60 ns
CL
V :clamping voltage @ 100 ns
CL
1
1
2
2
3
4
4
3
S21 (dB)
10M
30M
100M
300M
1G
3G
10G
-21
-18
-15
-12
-9
-6
-3
0
ESDAVLC6 -1V2
F (Hz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com