Electronic Components Datasheet Search
  English  ▼

X  

AD7985BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7985BCPZ
Description  16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7985BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7985BCPZ Datasheet HTML 6Page - Analog Devices AD7985BCPZ Datasheet HTML 7Page - Analog Devices AD7985BCPZ Datasheet HTML 8Page - Analog Devices AD7985BCPZ Datasheet HTML 9Page - Analog Devices AD7985BCPZ Datasheet HTML 10Page - Analog Devices AD7985BCPZ Datasheet HTML 11Page - Analog Devices AD7985BCPZ Datasheet HTML 12Page - Analog Devices AD7985BCPZ Datasheet HTML 13Page - Analog Devices AD7985BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
AD7985
Rev. C | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = DVDD = VIO = 2.5 V, BVDD = 5.0 V, VREF = 5.0 V, external reference (PDREF is high, REFIN is low), unless otherwise noted.
1.25
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
0
16,384
32,768
49,152
65,536
CODE
POSITIVE INL = +0.38LSB
NEGATIVE INL = –0.46LSB
Figure 5. Integral Nonlinearity vs. Code
60,000
50,000
40,000
30,000
20,000
10,000
0
CODE IN HEX
7FFC 7FFD 7FFE 7FFF
8000
8001
8002
8003
8004
0
122
6150
38,843
57,138
26,249
2537
33
0
Figure 6. Histogram of DC Input at Code Center (External Reference)
60,000
50,000
40,000
30,000
20,000
10,000
0
CODE IN HEX
7FFD
7FFC
7FFB
7FFE 7FFF 8000 8001 8002 8003 8004 8005
0
11
565
33,064
49,585
31,957
7024
403
8
0
8455
Figure 7. Histogram of DC Input at Code Center (Internal Reference)
1.00
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
0
16,384
32,768
49,152
65,536
CODE
POSITIVE DNL = +0.19LSB
NEGATIVE DNL = –0.20LSB
Figure 8. Differential Nonlinearity vs. Code
60,000
50,000
40,000
30,000
20,000
10,000
0
CODE IN HEX
7FFD
7FFC
7FFB
7FFE 7FFF 8000 8001 8002 8003 8004
0
2
479
11,888
48,730
53,522
15,645
800
6
0
Figure 9. Histogram of DC Input at Code Transition (External Reference)
50,000
45,000
40,000
35,000
30,000
25,000
20,000
15,000
10,000
5000
0
CODE IN HEX
7FFE
7FFD
7FFC
7FFF 8000 8001 8002 8003 8004 8005
0
90
2947
20,474
46,649
43,622
15,598
1662
30
0
Figure 10. Histogram of DC Input at Code Transition (Internal Reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com