Electronic Components Datasheet Search
  English  ▼

X  

AD7985BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD7985BCPZ
Description  16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7985BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7985BCPZ Datasheet HTML 18Page - Analog Devices AD7985BCPZ Datasheet HTML 19Page - Analog Devices AD7985BCPZ Datasheet HTML 20Page - Analog Devices AD7985BCPZ Datasheet HTML 21Page - Analog Devices AD7985BCPZ Datasheet HTML 22Page - Analog Devices AD7985BCPZ Datasheet HTML 23Page - Analog Devices AD7985BCPZ Datasheet HTML 24Page - Analog Devices AD7985BCPZ Datasheet HTML 25Page - Analog Devices AD7985BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Data Sheet
AD7985
Rev. C | Page 21 of 28
CS MODE, 4-WIRE WITHOUT BUSY INDICATOR
This mode is usually used when multiple AD7985 devices are
connected to an SPI-compatible digital host. A connection dia-
gram example using two AD7985 devices is shown in Figure 30,
and the corresponding timing is given in Figure 31.
With SDI high, a rising edge on CNV initiates a conversion,
selects CS mode, and forces SDO to high impedance. In this
mode, CNV must be held high during the conversion phase
and the subsequent data readback. (If SDI and CNV are low,
SDO is driven low.) Prior to the minimum conversion time,
SDI can select other SPI devices, such as analog multi-plexers,
but SDI must be returned high before the minimum conversion
time elapses and then held high for the maximum possible
conversion time to avoid the generation of the busy signal
indicator.
When the conversion is complete, the AD7985 enters the
acquisition phase and powers down. Each ADC result can be
read by bringing the SDI input low, which consequently outputs
the MSB onto SDO. The remaining data bits are then clocked by
subsequent SCK falling edges. The data is valid on both SCK
edges. Although the rising edge can be used to capture the data,
a digital host using the SCK falling edge allows a faster reading
rate, provided that it has an acceptable hold time. After the 16th
SCK falling edge, SDO returns to high impedance and another
AD7985 can be read.
AD7985
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
CS1
CS2
AD7985
SDI
SDO
CNV
SCK
Figure 30. CS Mode, 4-Wire Without Busy Indicator Connection Diagram
tCONV
AQUISITION
AQUISITION
tSCKH
tSCKL
tSCK
CONVERSION
SCK
CNV
tSSDICNV
tHSDICNV
SDO
D15
D13
D14
D1
D0
D15
D14
D1
D0
tHSDO
tDSDO
tEN
1
2
3
14
15
16
17
18
30
31
32
tDIS
SDI (CS1)
SDI (CS2)
tQUIET
tACQ
tCYC
Figure 31. CS Mode, 4-Wire Without Busy Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com