Electronic Components Datasheet Search
  English  ▼

X  

TDA3681TH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA3681TH
Description  Multiple voltage regulator with switch and ignition buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3681TH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA3681TH Datasheet HTML 2Page - NXP Semiconductors TDA3681TH Datasheet HTML 3Page - NXP Semiconductors TDA3681TH Datasheet HTML 4Page - NXP Semiconductors TDA3681TH Datasheet HTML 5Page - NXP Semiconductors TDA3681TH Datasheet HTML 6Page - NXP Semiconductors TDA3681TH Datasheet HTML 7Page - NXP Semiconductors TDA3681TH Datasheet HTML 8Page - NXP Semiconductors TDA3681TH Datasheet HTML 9Page - NXP Semiconductors TDA3681TH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
2002 Apr 10
6
Philips Semiconductors
Product specification
Multiple voltage regulator with switch and
ignition buffer
TDA3681
PINNING
Pin description of TDA3681J and TDA3681JR
SYMBOL
PIN
DESCRIPTION
REG1
1
regulator 1 output
REG3
2
regulator 3 output
VP2
3
second supply voltage
REG4
4
regulator 4 output
IGNIN
5
ignition input
IGNOUT
6
ignition output (active HIGH)
RES
7
reset output (active LOW)
CRES
8
reset delay capacitor
EN4
9
enable input for regulator 4
EN1/3
10
enable input for regulators 1 and 3
ENSW
11
enable input for power switch
HOLD
12
hold output (active LOW)
GND
13
ground
BU
14
backup switch output
REG2
15
regulator 2 output
SW
16
power switch output
VP1
17
supply voltage
heat tab
−
heat tab; it is strongly
recommended to connect the heat
tab to ground
handbook, halfpage
TDA3681J
TDA3681JR
MGL903
VP2
REG1
REG3
REG4
IGNIN
IGNOUT
CRES
EN4
RES
EN1/3
ENSW
HOLD
GND
BU
REG2
SW
VP1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Fig.3
Pin configuration for TDA3681J and
TDA3681JR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com