Electronic Components Datasheet Search
  English  ▼

X  

TDA3681TH Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA3681TH
Description  Multiple voltage regulator with switch and ignition buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3681TH Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA3681TH Datasheet HTML 9Page - NXP Semiconductors TDA3681TH Datasheet HTML 10Page - NXP Semiconductors TDA3681TH Datasheet HTML 11Page - NXP Semiconductors TDA3681TH Datasheet HTML 12Page - NXP Semiconductors TDA3681TH Datasheet HTML 13Page - NXP Semiconductors TDA3681TH Datasheet HTML 14Page - NXP Semiconductors TDA3681TH Datasheet HTML 15Page - NXP Semiconductors TDA3681TH Datasheet HTML 16Page - NXP Semiconductors TDA3681TH Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2002 Apr 10
13
Philips Semiconductors
Product specification
Multiple voltage regulator with switch and
ignition buffer
TDA3681
CHARACTERISTICS
VP =VP1 =VP2 = 14.4 V; Tamb =25 °C; measured in test circuits of Figs 10 and 11; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP1
supply voltage 1
operating
9.5
14.4
18
V
reverse polarity
non-operating
−−
18
V
regulator 2 on
note 1
4
14.4
50
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
t
≤ 50 ms; t
r ≥ 2.5 ms
−−
50
V
VP2
supply voltage 2
operating
6.5
14.4
18
V
reverse polarity
non-operating
−−
18
V
regulator 2 on
0
−
50
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
t
≤ 50 ms; t
r ≥ 2.5 ms
−−
50
V
Vbat(loaddump) battery overvoltage
shutdown
VP1 and/or VP2
18
20
22
V
Iq(tot)
total quiescent supply
current
VP = 12.4 V; note 2
−
105
145
µA
VP = 14.4 V; note 2
−
110
150
µA
Schmitt trigger for power supply (regulators 1, 3 and 4)
Vth(r)
rising threshold voltage
VP1 rising
6.5
7.0
7.5
V
Vth(f)
falling threshold voltage
VP1 falling
4.0
4.5
5.0
V
Vhys
hysteresis voltage
−
2.5
−
V
Schmitt trigger for enable input (regulators 1, 3, 4 and power switch)
Vth(r)
rising threshold voltage
1.4
1.8
2.4
V
Vth(f)
falling threshold voltage
0.9
1.3
1.9
V
Vhys
hysteresis voltage
IREG =ISW =1mA
−
0.5
−
V
ILI
input leakage current
VEN =5V
1
5
20
µA
Reset trigger level of regulator 2
Vth(r)
rising threshold voltage
VP1 rising; IREG1 =50mA;
note 3
4.43
VREG2 − 0.15 VREG2 − 0.1
V
Vth(f)
falling threshold voltage
VP1 falling; IREG1 =50mA;
note 3
4.4
VREG2 − 0.25 VREG2 − 0.13
V
Schmitt triggers for hold circuit output
Vth(r)(REG1)
rising threshold voltage
of regulator 1
VP1 rising; note 3
−
VREG1 − 0.15 VREG1 − 0.075 V
Vth(f)(REG1)
falling threshold voltage
of regulator 1
VP1 falling; note 3
7.67
VREG1 − 0.35 −
V
Vhys(REG1)
hysteresis voltage due to
regulator 1
−
0.2
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com