Electronic Components Datasheet Search
  English  ▼

X  

TDA3681TH Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA3681TH
Description  Multiple voltage regulator with switch and ignition buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3681TH Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA3681TH Datasheet HTML 14Page - NXP Semiconductors TDA3681TH Datasheet HTML 15Page - NXP Semiconductors TDA3681TH Datasheet HTML 16Page - NXP Semiconductors TDA3681TH Datasheet HTML 17Page - NXP Semiconductors TDA3681TH Datasheet HTML 18Page - NXP Semiconductors TDA3681TH Datasheet HTML 19Page - NXP Semiconductors TDA3681TH Datasheet HTML 20Page - NXP Semiconductors TDA3681TH Datasheet HTML 21Page - NXP Semiconductors TDA3681TH Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
2002 Apr 10
18
Philips Semiconductors
Product specification
Multiple voltage regulator with switch and
ignition buffer
TDA3681
handbook, halfpage
MGL908
5.0 V
Isc(REG2)
IREG2
Vo(REG2)
Im(REG2)
handbook, halfpage
MGL909
5.0 V
Isc(REG3)
IREG3
Vo(REG3)
Im(REG3)
handbook, halfpage
MGL910
3.3 V
Isc(REG4)
IREG4
Vo(REG4)
Im(REG4)
Fig.8 Foldback current protection of the regulators.
a. Regulator 1.
b. Regulator 2.
c. Regulator 3.
d. Regulator 4.
handbook, halfpage
MGL907
8.5 V
Isc(REG1)
Im(REG1)
IREG1
Vo(REG1)
handbook, full pagewidth
>1.8 A
>3 A
1 A
generates
hold
MGR931
VP − 3.3 V
2VBE
ISW
VSW
not
delayed
delayed
Fig.9 Current protection of the power switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com