Electronic Components Datasheet Search
  English  ▼

X  

TDA3681TH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3681TH
Description  Multiple voltage regulator with switch and ignition buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3681TH Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3681TH Datasheet HTML 1Page - NXP Semiconductors TDA3681TH Datasheet HTML 2Page - NXP Semiconductors TDA3681TH Datasheet HTML 3Page - NXP Semiconductors TDA3681TH Datasheet HTML 4Page - NXP Semiconductors TDA3681TH Datasheet HTML 5Page - NXP Semiconductors TDA3681TH Datasheet HTML 6Page - NXP Semiconductors TDA3681TH Datasheet HTML 7Page - NXP Semiconductors TDA3681TH Datasheet HTML 8Page - NXP Semiconductors TDA3681TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2002 Apr 10
2
Philips Semiconductors
Product specification
Multiple voltage regulator with switch and
ignition buffer
TDA3681
FEATURES
General
• Extremely low noise behaviour and good stability with
very small output capacitors
• Second supply pin for regulators 3 and 4 to reduce
power dissipation (e.g. via a DC-to-DC converter)
• Three VP-state controlled regulators (regulators 1, 3
and 4) and a power switch
• Regulator 2, reset and ignition buffer operational during
load dump and thermal shutdown
• Combined control pin for switching regulators 1 and 3
• Separate control pins for switching regulator 4 and the
power switch
• Supply voltage range from −18 to +50 V
• Low quiescent current in standby mode (when
regulators 1, 3 and 4 and power switch are switched off
and ignition input is low)
• Hold output for low VP (regulators 1, 3 and 4 and power
switch off)
• Hold output when one of regulators 1 and 3 and/or 4 is
out of regulation
• Hold output for foldback mode of power switch and
regulators 1, 3 and 4
• Hold output for load dump and temperature protection
• Reset (push-pull output stage) for regulator 2 and hold
output (open-collector output)
• Adjustable reset delay time
• High supply voltage ripple rejection
• Backup capacitor for regulator 2
• One independent ignition buffer (active HIGH).
Protections
• Reverse polarity safe (down to −18 V without high
reverse current)
• Able to withstand voltages up to 18 V at the outputs
(supply line may be short-circuited)
• ESD protection on all pins
• Thermal protections
• Load dump protection
• Foldback current limit protection for regulators 1, 2, 3
and 4
• Delayed second current limit protection for the power
switch (at short-circuit)
• The regulator outputs and the power switch are
DC short-circuit safe to ground and supply (VP).
GENERAL DESCRIPTION
The TDA3681 is a multiple output voltage regulator with a
power switch and an ignition buffer. It is intended for use in
car radios with or without a microcontroller. The TDA3681
contains the following:
• Four fixed voltage regulators with a foldback current
protection (regulators 1, 2, 3 and 4). Regulator 2, which
is intended to supply a microcontroller, also operates
during load dump and thermal shutdown
• Regulators 3 and 4 have a second supply pin that can
be connected to a lower supply voltage (>6.5 V) to
reduce the power dissipation
• A power switch with protection, operated by a control
input
• Reset and hold outputs that can be used to interface
with the microcontroller; the reset signal can be used to
call up the microcontroller
• Both supply pins can withstand load dump pulses and
negative supply voltages
• Regulator 2, which is in regulation at a backup voltage
above 6.5 V
• A provision for the use of a reserve supply capacitor that
will hold enough energy for regulator 2 (5 V continuous)
to allow a microcontroller to prepare for loss of voltage
• An ignition input Schmitt trigger with push-pull output
stage.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA3681J
DBS17P
plastic DIL-bent-SIL power package; 17 leads (lead length 7.7 mm)
SOT243-3
TDA3681JR
DBS17P
plastic DIL-bent-SIL (special bent) power package; 17 leads
(lead length 12 mm)
SOT475-1
TDA3681TH
HSOP20
plastic, heatsink small outline package; 20 leads; low stand-off height
SOT418-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com