Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2 Datasheet(HTML) 4 Page - Texas Instruments

  TPA2012D2 Datasheet HTML 1Page - Texas Instruments TPA2012D2 Datasheet HTML 2Page - Texas Instruments TPA2012D2 Datasheet HTML 3Page - Texas Instruments TPA2012D2 Datasheet HTML 4Page - Texas Instruments TPA2012D2 Datasheet HTML 5Page - Texas Instruments TPA2012D2 Datasheet HTML 6Page - Texas Instruments TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
BLOCK DIAGRAM
to Battery
V DD
OUTR+
GND
SDR
INR+
300 k
C S
Right Input
SDL
300 k
G0
OUTR−
OUTL+
OUTL−
G1
INR−
INL+
INL−
G1
Gain
G0
V/V
dB
Left Input
Gain
Adjust
PWM
Gain
Adjust
PWM
H −
Bridge
H −
Bridge
Internal
Oscillator
Bias
Circuitry
6
12
18
24
2
4
8
16
0
1
0
1
0
0
1
1
Short−Circuit
Protection
TPA2012D2
SLOS438 – DECEMBER 2004
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com