Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments TPA2012D2 Datasheet HTML 10Page - Texas Instruments TPA2012D2 Datasheet HTML 11Page - Texas Instruments TPA2012D2 Datasheet HTML 12Page - Texas Instruments TPA2012D2 Datasheet HTML 13Page - Texas Instruments TPA2012D2 Datasheet HTML 14Page - Texas Instruments TPA2012D2 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.ti.com
Decoupling Capacitor (C
S)
Input Capacitors (C
I)
fc +
1
2p R
ICI
(1)
C
I +
1
2p R
I f
c
(2)
TPA2012D2
SLOS438 – DECEMBER 2004
The TPA2012D2 is a high-performance Class-D audio amplifier that requires adequate power supply decoupling
to ensure the efficiency is high and total harmonic distortion (THD) is low. For higher frequency transients,
spikes, or digital hash on the line, a good low equivalent-series-resistance (ESR) ceramic capacitor, typically 1
µF, placed as close as possible to the device PVDD lead works best. Placing this decoupling capacitor close to
the TPA2012D2 is important for the efficiency of the Class-D amplifier, because any resistance or inductance in
the trace between the device and the capacitor can cause a loss in efficiency. For filtering lower-frequency noise
signals, a 4.7 µF or greater capacitor placed near the audio power amplifier would also help, but it is not required
in most applications because of the high PSRR of this device.
Table 1. Gain Setting
INPUT IMPEDANCE
GAIN
GAIN
G1
G0
(RI)
(V/V)
(dB)
(k
Ω)
0
0
2
6
28.1
0
1
4
12
17.3
1
0
8
18
9.8
1
1
16
24
5.2
The TPA2012D2 does not require input coupling capacitors if the design uses a differential source that is biased
from 0.5 V to VDD - 0.8 V. If the input signal is not biased within the recommended common-mode input range, if
high pass filtering is needed (see Figure 31), or if using a single-ended source (see Figure 32), input coupling
capacitors are required.
The input capacitors and input resistors form a high-pass filter with the corner frequency, fc, determined in
Equation 1.
The value of the input capacitor is important to consider as it directly affects the bass (low frequency)
performance of the circuit. Speakers in wireless phones cannot usually respond well to low frequencies, so the
corner frequency can be set to block low frequencies in this application. Not using input capacitors can increase
output offset.
Equation 2 is used to solve for the input coupling capacitance.
If the corner frequency is within the audio band, the capacitors should have a tolerance of
±10% or better,
because any mismatch in capacitance causes an impedance mismatch at the corner frequency and below.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com