Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 4Page - Texas Instruments TPA2012D2 Datasheet HTML 5Page - Texas Instruments TPA2012D2 Datasheet HTML 6Page - Texas Instruments TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments TPA2012D2 Datasheet HTML 10Page - Texas Instruments TPA2012D2 Datasheet HTML 11Page - Texas Instruments TPA2012D2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.ti.com
−75
−70
−65
−60
−55
−50
100
1 k
10 k
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
f − Frequency − Hz
VIC = 1 VPP,
RL = 8 W,
AV = 6 dB
20 k
20
−100
−90
−80
−70
−60
−50
−40
−30
100
1 k
10 k
Inputs AC Grounded,
CI = 1 mF,
RI = 8 W,
AV = 6 dB
VDD = 2.7 V
VDD = 5 V
VDD = 3.6 V
f − Frequency − Hz
20 k
20
−100
−80
−60
−40
−20
0
20
0
1
2
3
4
5
VICR − Common-Mode Input Voltage Range − V
VDD = 5.5 V
VDD = 3.6 V
VDD = 2.5 V
−160
−140
−120
−100
−80
−60
−40
−20
0
0
500
1000
1500
2000
2500
−160
−140
−120
−100
−80
−60
−40
−20
0
CI = 1 mF,
Inputs AC Grounded,
AV = 6 dB
VDD = 3.6 V
Input
Output
f − Frequency − Hz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
Class−AB 3.6 V, 4 W
Class−AB 3.6 V, 8 W
VDD = 3.6 V, RL = 4 W
VDD = 3.6 V, RL = 8 W, 33 mH
PO − Output Power − W
Powers are
per Channel
t − Time − 2 ms/div
C1 − High, 3.6 V
C1 − Amp, 512 mV
C1 − Duty, 12%
TPA2012D2
SLOS438 – DECEMBER 2004
TYPICAL CHARACTERISTICS (continued)
COMMOM-MODE
POWER SUPPLY
REJECTION RATIO
COMMON-MODE
REJECTION RATIO
vs
REJECTION RATIO
vs
COMMON-MODE
vs
FREQUENCY
INPUT VOLTAGE
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
GSM POWER
SUPPLY REJECTION
POWER SUPPLY REJECTION
POWER DISSIPATION
vs
vs
vs
TIME
FREQUENCY
OUTPUT POWER
Figure 19.
Figure 20.
Figure 21.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com