Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 5Page - Texas Instruments TPA2012D2 Datasheet HTML 6Page - Texas Instruments TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments TPA2012D2 Datasheet HTML 10Page - Texas Instruments TPA2012D2 Datasheet HTML 11Page - Texas Instruments TPA2012D2 Datasheet HTML 12Page - Texas Instruments TPA2012D2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
VDD = 2.5 V, RL = 8 W, 33 mH
VDD = 3.6 V, RL = 8 W, 33 mH
VDD = 5 V, RL = 8 W, 33 mH
Class−AB, 5 V, 8 W
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
Class−AB, VDD = 5 V, 4 W
VDD = 5 V, RL = 4 W, 33 mH
VDD = 3.6 V, RL = 4 W, 33 mH
VDD = 2.5 V, RL = 4 W, 33 mH
PO − Output Power − W
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.5
1
1.5
2
2.5
VDD = 5 V, RL = 8 W, 33 mH
VDD = 5 V, RL = 4 W
Class−AB,VDD = 5 V, 8 W
Class−AB,VDD = 5 V, 4 W
Powers are per Channel
PO − Output Power − W
0
200
400
600
800
1000
1200
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2
VDD = 2.5 V, RL = 4 W, 33 mH
IDD is for Both Channels
VDD = 5 V, RL = 4 W, 33 mH
VDD = 3.6 V, RL = 4 W, 33 mH
PO − Output Power/Channel − W
0
100
200
300
400
500
600
700
800
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
VDD = 2.5 V, RL = 8 W, 33 mH
VDD = 3.6 V, RL = 8 W, 33 mH
VDD = 5 V, RL = 8 W, 33 mH
IDD is for Both Channels
PO − Output Power/Channel − W
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.5
3
3.5
4
4.5
5
VDD − Supply Voltage − V
RL = 4 W,
THD+N = 10%
RL = 4 W,
THD+N = 1%
RL = 8 W,
THD+N = 10%
RL = 8 W,
THD+N = 1%
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DC Common Mode Voltage − V
VDD = 2.7 V
VDD = 5 V
VDD = 3.6 V
RL = 8 W,
VIN = 200 mVPP
f = 217 Hz
0
0.5
1
1.5
2
2.5
2.5
3
3.5
4
4.5
5
5.5
VDD − Supply Voltage − V
RL = 4 W,
THD+N = 10%
RL = 4 W,
THD+N = 1%
RL = 8 W,
THD+N = 10%
RL = 8 W,
THD+N = 1%
TPA2012D2
SLOS438 – DECEMBER 2004
TYPICAL CHARACTERISTICS (continued)
POWER DISSIPATION
EFFICIENCY
EFFICIENCY
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 22.
Figure 23.
Figure 24.
SUPPLY CURRENT
SUPPLY CURRENT
OUTPUT POWER
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
SUPPLY VOLTAGE
Figure 25.
Figure 26.
Figure 27.
SUPLY VOLTAGE
OUTPUT POWER
REJECTION RATIO
vs
vs
SUPPLY VOLTAGE
DC COMMON-MODE VOLTAGE
Figure 28.
Figure 29.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com