Electronic Components Datasheet Search
  English  ▼

X  

TIM Datasheet(PDF) 29 Page - Delta Electronics, Inc.

Part # TIM
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

TIM Datasheet(HTML) 29 Page - Delta Electronics, Inc.

Back Button TIM Datasheet HTML 25Page - Delta Electronics, Inc. TIM Datasheet HTML 26Page - Delta Electronics, Inc. TIM Datasheet HTML 27Page - Delta Electronics, Inc. TIM Datasheet HTML 28Page - Delta Electronics, Inc. TIM Datasheet HTML 29Page - Delta Electronics, Inc. TIM Datasheet HTML 30Page - Delta Electronics, Inc. TIM Datasheet HTML 31Page - Delta Electronics, Inc. TIM Datasheet HTML 32Page - Delta Electronics, Inc. TIM Datasheet HTML 33Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
Test Report.
No. CANEC1503047702
Date: 13 Mar 2015 .
Page 1 of 13.
KINGFA SCI. & TECH. CO., LTD. .
NO.33 KEFENG ROAD,SCIENCE CITY,GUANGZHOU HI-TECHINDUSTRIAL DEVELOPMENT
ZONE,GUANGZHOU CITY
CHINA.
.
The following sample(s) was/were submitted and identified on behalf of the clients as : PBT-NPG30 .
SGS Job No. :
CP15-009615 - GZ .
Date of Sample Received : . 09 Mar 2015.
Testing Period :.
09 Mar 2015 - 13 Mar 2015 .
Test Requested :.
Selected test(s) as requested by client. .
Please refer to next page(s). .
Please refer to next page(s). .
Test Method :.
Test Results :.
Conclusion :.
Based on the performed tests on submitted sample(s), the results of Lead,
Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBBs),
Polybrominated diphenyl ethers (PBDEs) comply with the limits as set by RoHS
Directive 2011/65/EU Annex II; recasting 2002/95/EC. .
Alkene Liang.
Approved Signatory .
Signed for and on behalf of
SGS-CSTC Standards Technical Services Co., Ltd. Guangzhou Branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com