Electronic Components Datasheet Search
  English  ▼

X  

TIM Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # TIM
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

TIM Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  TIM Datasheet HTML 1Page - Delta Electronics, Inc. TIM Datasheet HTML 2Page - Delta Electronics, Inc. TIM Datasheet HTML 3Page - Delta Electronics, Inc. TIM Datasheet HTML 4Page - Delta Electronics, Inc. TIM Datasheet HTML 5Page - Delta Electronics, Inc. TIM Datasheet HTML 6Page - Delta Electronics, Inc. TIM Datasheet HTML 7Page - Delta Electronics, Inc. TIM Datasheet HTML 8Page - Delta Electronics, Inc. TIM Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
Delta Electronics
Corp.
Form No.
︰
︰
︰
︰tMP—D029
Form
Rev.
︰
︰
︰
︰00
1. SPECIFICATION
Characters
Item
Description
Scope
THIS SPECIFICATION DEFINES THE ELECTRICAL AND
MECHANICAL CHARACTERISTICS OF THE HEATSINK
Application
INTEL CPU COOLER
Specification
a: thermal Resistance
0.52 (
℃/W) (REF.)
b: total weight
120 g (REF.)
c: clip force
16 kgf (REF.)
BOM
Item
Part Name
Material
Part NO.
Q’TY
Remark
1
Heatsink
A6063-T5
3346771500
1 pce
2
FASTENER CAP
PC
3470415400
4 pce
3
FASTENER BASE
PC
3470415500
4 pce
4
LABEL
PE
3267128700
1 pce
5
FAN
PBT
3622920411
1 pce
6
TIM
DOW TC-5630
4021107300
0.12g
Rev 02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com