Electronic Components Datasheet Search
  English  ▼

X  

TIM Datasheet(PDF) 59 Page - Delta Electronics, Inc.

Part # TIM
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

TIM Datasheet(HTML) 59 Page - Delta Electronics, Inc.

Back Button TIM Datasheet HTML 55Page - Delta Electronics, Inc. TIM Datasheet HTML 56Page - Delta Electronics, Inc. TIM Datasheet HTML 57Page - Delta Electronics, Inc. TIM Datasheet HTML 58Page - Delta Electronics, Inc. TIM Datasheet HTML 59Page - Delta Electronics, Inc. TIM Datasheet HTML 60Page - Delta Electronics, Inc. TIM Datasheet HTML 61Page - Delta Electronics, Inc. TIM Datasheet HTML 62Page - Delta Electronics, Inc. TIM Datasheet HTML 63Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
Test Report.
No. SHAEC1515770519
Date: 13 Aug 2015.
Page 4 of 5.
ATTACHMENTS
RoHS Testing Flow Chart
1) Name of the person who made testing: Bob Zhang/Gary Xu/Zengzhen Zhu/Sunny Qin
2) Name of the person in charge of testing: Jan Shi/Summer Jin/Jessy Huang/Stone Chen
3) These samples were dissolved totally by pre-conditioning method according to below flow chart.
(Cr
6+ and PBBs/PBDEs test method excluded)
Cr6
+
Adding 1,5-
diphenylcarbazide
for color
development
UV-Vis
Nonmetallic
material
Metallic
material
Adding digestion
reagent
DATA
A red color
indicates the
presence of Cr
6+.
If necessary,
confirm with UV-
Vis.
Sample Preparation
Sample Measurement
PBBs/PBDEs
Sample solvent
extraction
Concentration/
Dilution of extraction
solution
Filtration
GC/MS
DATA
ICP-OES/AAS
Solution
Filtration
Residue
1) Alkali Fusion /
Dry Ashing
2) Acid to dissolve
Pb/Cd/Hg
Acid digestion with
microwave/ hotplate
DATA
Heating to 90~95℃
for extraction
Filtration and pH
adjustment
Boiling water
extraction
Adding 1,5-
diphenylcarbazide
for color
development
Spot test
Positive
Negative
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com