Electronic Components Datasheet Search
  English  ▼

X  

TIM Datasheet(PDF) 34 Page - Delta Electronics, Inc.

Part # TIM
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

TIM Datasheet(HTML) 34 Page - Delta Electronics, Inc.

Back Button TIM Datasheet HTML 30Page - Delta Electronics, Inc. TIM Datasheet HTML 31Page - Delta Electronics, Inc. TIM Datasheet HTML 32Page - Delta Electronics, Inc. TIM Datasheet HTML 33Page - Delta Electronics, Inc. TIM Datasheet HTML 34Page - Delta Electronics, Inc. TIM Datasheet HTML 35Page - Delta Electronics, Inc. TIM Datasheet HTML 36Page - Delta Electronics, Inc. TIM Datasheet HTML 37Page - Delta Electronics, Inc. TIM Datasheet HTML 38Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
Test Report.
No. CANEC1503047702
Date: 13 Mar 2015 .
Page 6 of 13.
CAS NO.
Test Item(s).
Unit.
MDL.
002.
Diisodecyl Phthalate (DIDP) .
26761-40-0 /
68515-49-1.
%(w/w).
0.010
ND
Dimethyl Phthalate (DMP) .
131-11-3.
%(w/w).
0.003
ND
Diethyl Phthalate (DEP) .
84-66-2.
%(w/w).
0.003
ND
Diisobutyl Phthalate (DIBP) .
84-69-5.
%(w/w).
0.003
ND
Dinonyl Phthalate (DNP) .
84-76-4.
%(w/w).
0.003
ND
Diisooctyl Phthalate (DIOP) .
27554-26-3.
%(w/w).
0.010
ND
Dipropyl Phthalate (DPrP) .
131-16-8.
%(w/w).
0.003
ND
Dicyclohexyl Phthalate (DCHP) .
84-61-7.
%(w/w).
0.003
ND
Di-n-pentyl Phthalate (DnPP) .
131-18-0.
%(w/w).
0.003
ND
Dibenzyl Phthalate (DBzP) .
523-31-9.
%(w/w).
0.003
ND
Diphenyl Phthalate (DPhP) .
84-62-8.
%(w/w).
0.003
ND
Di-n-hexyl Phthalate (DnHP) .
84-75-3.
%(w/w).
0.003
ND
Notes :.
(1)DBP,BBP,DEHP Reference information: Entry 51 of Regulation (EC) No 552/2009 amending Annex
XVII of REACH Regulation (EC) No 1907/2006 (previously restricted under Directive 2005/84/EC):
i) Shall not be used as substances or in mixtures, in concentrations greater than 0.1 % by weight of the
plasticised material, in toys and childcare articles.  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com