Electronic Components Datasheet Search
  English  ▼

X  

PACDN009 Datasheet(PDF) 1 Page - ON Semiconductor

Part # PACDN009
Description  5-Channel ESD Protection Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN009 Datasheet(HTML) 1 Page - ON Semiconductor

  PACDN009 Datasheet HTML 1Page - ON Semiconductor PACDN009 Datasheet HTML 2Page - ON Semiconductor PACDN009 Datasheet HTML 3Page - ON Semiconductor PACDN009 Datasheet HTML 4Page - ON Semiconductor PACDN009 Datasheet HTML 5Page - ON Semiconductor PACDN009 Datasheet HTML 6Page - ON Semiconductor PACDN009 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 Semiconductor Components Industries, LLC, 2011
October, 2011 − Rev. 4
1
Publication Order Number:
PACDN009/D
PACDN009
5-Channel ESD Protection
Array
Product Description
The PACDN009 is a diode array designed to provide 5 channels of
ESD protection for electronic components or sub−systems. Each
channel consists of a pair of diodes which steers an ESD current pulse
to either the positive (VP) or negative (VN) supply. The PACDN009
protects against ESD pulses up to 15 kV Human Body Model
(100 pF capacitor discharging through a 1.5 k
W resistor), and 8kV
contact discharge, per International Standard IEC 61000−4−2.
This device is particularly well−suited for portable electronics
(e.g., cellular phones, PDAs, notebook computers) because of its
small package footprint, high ESD protection level, and low loading
capacitance. It is also suitable for protecting video output lines and I/O
ports in computers and peripherals and is ideal for a wide range of
consumer electronics products.
The PACDN009 is supplied in an 8−lead MSOP package and is
available with RoHS compliant lead−free finishing.
Features
Five Channels of ESD Protection
8 kV Contact, 15 kV Air ESD Protection per Channel
(IEC 61000−4−2 Standard)
15 kV of ESD Protection per Channel (HBM)
Low Loading Capacitance (3 pF Typical)
Low Leakage Current is Ideal for Battery−Powered Devices
Available in Miniature 8−Pin MSOP Package
These Devices are Pb−Free and are RoHS Compliant
Applications
Consumer Electronic Products
Cellular Phones
PDAs
Notebook Computers
Desktop PCs
Digital Cameras and Camcorders
VGA (Video) Port Protection for Desktop and Portable PCs
MARKING DIAGRAM
Device
Package
Shipping†
ORDERING INFORMATION
http://onsemi.com
PACDN009MR
MSOP 8
(Pb−Free)
4000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
009R
= PACDN009MR
MSOP 8
MR SUFFIX
CASE 846AB
ELECTRICAL SCHEMATIC
1
23
4
87
6
5
VN
VP
009R
N.C.


Similar Part No. - PACDN009

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN009 CALMIRCO-PACDN009 Datasheet
184Kb / 8P
5 Channel ESD Protection Array
logo
ON Semiconductor
PACDN009 ONSEMI-PACDN009 Datasheet
113Kb / 10P
5-Channel ESD Protection Array
May 2010 Rev. 3
logo
California Micro Device...
PACDN009M CALMIRCO-PACDN009M Datasheet
184Kb / 8P
5 Channel ESD Protection Array
PACDN009MR CALMIRCO-PACDN009MR Datasheet
184Kb / 8P
5 Channel ESD Protection Array
logo
ON Semiconductor
PACDN009MR ONSEMI-PACDN009MR Datasheet
113Kb / 10P
5-Channel ESD Protection Array
May 2010 Rev. 3
More results

Similar Description - PACDN009

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN009 CALMIRCO-PACDN009 Datasheet
184Kb / 8P
5 Channel ESD Protection Array
logo
SYNC POWER Crop.
SPE0506 SYNC-POWER-SPE0506 Datasheet
220Kb / 7P
5-Line ESD Protection Array
SPE0515 SYNC-POWER-SPE0515 Datasheet
222Kb / 7P
5-Line ESD Protection Array
SPE0535 SYNC-POWER-SPE0535 Datasheet
224Kb / 7P
5-Line ESD Protection Array
SPE0525 SYNC-POWER-SPE0525 Datasheet
229Kb / 7P
5-Line ESD Protection Array
SPE1225 SYNC-POWER-SPE1225 Datasheet
229Kb / 7P
5-Line ESD Protection Array
logo
ON Semiconductor
PACDN009 ONSEMI-PACDN009 Datasheet
113Kb / 10P
5-Channel ESD Protection Array
May 2010 Rev. 3
logo
SYNC POWER Crop.
SPE0525_0911 SYNC-POWER-SPE0525_0911 Datasheet
197Kb / 7P
5-Line ESD Protection Array
SPE0526_0911 SYNC-POWER-SPE0526_0911 Datasheet
211Kb / 7P
5-Line ESD Protection Array
SPE0535 SYNC-POWER-SPE0535_09 Datasheet
197Kb / 7P
5-Line ESD Protection Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com