Electronic Components Datasheet Search
  English  ▼

X  

PACDN009 Datasheet(PDF) 2 Page - ON Semiconductor

Part # PACDN009
Description  5-Channel ESD Protection Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN009 Datasheet(HTML) 2 Page - ON Semiconductor

  PACDN009 Datasheet HTML 1Page - ON Semiconductor PACDN009 Datasheet HTML 2Page - ON Semiconductor PACDN009 Datasheet HTML 3Page - ON Semiconductor PACDN009 Datasheet HTML 4Page - ON Semiconductor PACDN009 Datasheet HTML 5Page - ON Semiconductor PACDN009 Datasheet HTML 6Page - ON Semiconductor PACDN009 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PACDN009
http://onsemi.com
2
TYPICAL APPLICATION CIRCUIT
0.22 mF*
Expansion
Connector
PACDN009
Handheld/PDA ESD Protection
* Capacitor should be placed as close as possible to Pin7.
4 5 6 8
1
37
I/O Port
Buffers
PACKAGE / PINOUT DIAGRAMS
Top View
PACDN009
8−Lead MSOP Package
VN
1
4
VP
CH3
8
5
CH1
27
36
N.C.
CH2
CH4
CH5
Table 1. PIN DESCRIPTIONS
Pin
Name
Type
Description
1
CH1
I/O
ESD Channel
2
N.C.
−
No Connect
3
VN
GND
Negative Voltage Supply Rail or Ground Reference Rail
4
CH2
I/O
ESD Channel
5
CH3
I/O
ESD Channel
6
CH4
I/O
ESD Channel
7
VP
Supply
Positive Voltage Supply Rail
8
CH5
I/O
ESD Channel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com