Electronic Components Datasheet Search
  English  ▼

X  

PACDN009 Datasheet(PDF) 3 Page - ON Semiconductor

Part # PACDN009
Description  5-Channel ESD Protection Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN009 Datasheet(HTML) 3 Page - ON Semiconductor

  PACDN009 Datasheet HTML 1Page - ON Semiconductor PACDN009 Datasheet HTML 2Page - ON Semiconductor PACDN009 Datasheet HTML 3Page - ON Semiconductor PACDN009 Datasheet HTML 4Page - ON Semiconductor PACDN009 Datasheet HTML 5Page - ON Semiconductor PACDN009 Datasheet HTML 6Page - ON Semiconductor PACDN009 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PACDN009
http://onsemi.com
3
SPECIFICATIONS
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Supply Voltage (VP − VN)
6.0
V
Diode Forward DC Current (Note 1)
20
mA
Operating Temperature Range
−40 to +85
C
Storage Temperature Range
−65 to +150
C
DC Voltage at any Channel Input
(VN − 0.5) to (VP + 0.5)
V
Package Power Rating
200
mW
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Only one diode conducting at a time.
Table 3. STANDARD OPERATING CONDITIONS
Parameter
Rating
Units
Operating Temperature Range
−40 to +85
C
Operating Supply Voltage (VP − VN)
0 to 5.5
V
Table 4. ELECTRICAL OPERATING CHARACTERISTICS (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IP
Supply Current
(VP − VN) = 5.5 V
10
mA
VF
Diode Forward Voltage
IF = 20 mA
0.65
0.95
V
ILEAK
Channel Leakage Current
0.1
1.0
mA
CIN
Channel Input Capacitance
@ 1 MHz, VP = 5 V,
VN = 0 V, VIN = 2.5 V
(Note 2)
3
5
pF
VESD
ESD Protection
Peak Discharge Voltage at any
Channel Input, in System
a) Human Body Model,
MIL−STD−883, Method 3015
b) Contact Discharge per
IEC 61000−4−2
c) Air Discharge per IEC 61000−4−2
(Note 2)
(Note 3)
(Note 4)
(Note 4)
15
8
15
kV
VCL
Channel Clamp Voltage
Positive Transients
Negative Transients
@ 15 kV ESD HBM
VP + 13.0
VN − 13.0
V
1. All parameters specified at TA = 25C unless otherwise noted. VP = 5 V, VN = 0 V unless noted.
2. From I/O pins to VP or VN only. VP bypassed to VN with a 0.22 mF ceramic capacitor (see Application Information for more details).
3. Human Body Model per MIL−STD−883, Method 3015, CDischarge = 100 pF, RDischarge = 1.5 kWVP = 5.0 V, VN grounded.
4. Standard IEC 61000−4−2 with CDischarge = 150 pF, RDischarge = 330 W, VP = 5.0 V, VN grounded.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com