Electronic Components Datasheet Search
  English  ▼

X  

HPC16004 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC16004
Description  High-Performance microController
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC16004 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button HPC16004 Datasheet HTML 22Page - National Semiconductor (TI) HPC16004 Datasheet HTML 23Page - National Semiconductor (TI) HPC16004 Datasheet HTML 24Page - National Semiconductor (TI) HPC16004 Datasheet HTML 25Page - National Semiconductor (TI) HPC16004 Datasheet HTML 26Page - National Semiconductor (TI) HPC16004 Datasheet HTML 27Page - National Semiconductor (TI) HPC16004 Datasheet HTML 28Page - National Semiconductor (TI) HPC16004 Datasheet HTML 29Page - National Semiconductor (TI) HPC16004 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Memory
The HPC46064 has been designed to offer flexibility in
memory usage A total address space of 64 Kbytes can be
addressed with 16 Kbytes of ROM and 512 bytes of RAM
available on the chip itself The ROM may contain program
instructions constants or data The ROM and RAM share
the same address space allowing instructions to be execut-
ed out of RAM
Program memory addressing is accomplished by the 16-bit
program counter on a byte basis Memory can be addressed
directly by instructions or indirectly through the B X and SP
registers Memory can be addressed as words or bytes
Words are always addressed on even-byte boundaries The
HPC46064 uses memory-mapped organization to support
registers IO and on-chip peripheral functions
The
HPC46064
memory
address
space
extends
to
64 Kbytes and registers and IO are mapped as shown in
Table IV
TABLE IV HPC46064 Memory Map
FFFFFFF0
Interrupt Vectors
FFEFFFD0
JSRP Vectors
FFCFFFCE
On-Chip ROM
C001C000
(
USER MEMORY
BFFFBFFE
External Expansion
Memory
03010300
(
02FF02FE
On-Chip RAM
USER RAM
01C101C0
(
01950194
WATCHDOG Address
WATCHDOG Logic
0192
T0CON Register
01910190
TMMODE Register
018F018E
DIVBY Register
018D018C
T3 Timer
018B018A
R3 Register
Timer Block T0T3
01890188
T2 Timer
01870186
R2 Register
01850184
I2CR Register R1
01830182
I3CR Register T1
01810180
I4CR Register
015E015F
EICR
015C
EICON
01530152
Port P Register
01510150
PWMODE Register
014F014E
R7 Register
014D014C
T7 Timer
014B014A
R6 Register
Timer Block T4T7
01490148
T6 Timer
01470146
R5 Register
01450144
T5 Timer
01430142
R4 Register
01410140
T4 Timer
0128
ENUR Register
0126
TBUF Register
0124
RBUF Register
UART
0122
ENUI Register
0120
ENU Register
0104
Port D Input Register
00F500F4
BFUN Register
PORTSAB
00F300F2
DIR B Register
CONTROL
00F100F0
DIR A Register
IBUF
00E6
UPIC Register
UPI CONTROL
00E300E2
Port B
PORTSAB
00E100E0
Port A
OBUF
00DE
Reserved
00DD00DC
HALT Enable Register
PORT CONTROL
00D8
Port I Input Register
INTERRUPT
00D6
SIO Register
CONTROL
00D4
IRCD Register
REGISTERS
00D2
IRPD Register
00D0
ENIR Register
00CF00CE
X Register
00CD00CC
B Register
00CB00CA
K Register
00C900C8
A Register
HPC CORE
00C700C6
PC Register
REGISTERS
00C500C4
SP Register
00C300C2
Reserved
00C0
PSW Register
00BF00BE
On-Chip
RAM
USER RAM
00010000
Note
The HPC46064 On-Chip ROM is on addresses C000FFFF and the
External Expansion Memory is 0300BFFF The HPC46004 have no On-Chip
ROM External Memory is 0300FFFF
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com