Electronic Components Datasheet Search
  English  ▼

X  

LT1616 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1616
Description  Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1616 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1616 Datasheet HTML 3Page - Linear Technology LT1616 Datasheet HTML 4Page - Linear Technology LT1616 Datasheet HTML 5Page - Linear Technology LT1616 Datasheet HTML 6Page - Linear Technology LT1616 Datasheet HTML 7Page - Linear Technology LT1616 Datasheet HTML 8Page - Linear Technology LT1616 Datasheet HTML 9Page - Linear Technology LT1616 Datasheet HTML 10Page - Linear Technology LT1616 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LT1766/LT1766-5
1766fa
The current fed system will have 90
° phase shift at a much
lower frequency, but will not have the additional 90
° shift
until well beyond the LC resonant frequency. This makes
it much easier to frequency compensate the feedback loop
and also gives much quicker transient response.
Most of the circuitry of the LT1766 operates from an
internal 2.9V bias line. The bias regulator normally draws
power from the regulator input pin, but if the BIAS pin is
connected to an external voltage higher than 3V, bias
power will be drawn from the external source (typically the
BLOCK DIAGRA
Figure 1. LT1766 Block Diagram
–
+
Σ
VIN
2.9V BIAS
REGULATOR
200kHz
OSCILLATOR
FREQUENCY
FOLDBACK
SW
FB
GND
1, 8, 9, 16, 17
1766 F01
SLOPE COMP
ANTISLOPE COMP
BIAS
INTERNAL
VCC
SYNC
0.4V
5.5
µA
CURRENT
COMPARATOR
RLIMIT
RSENSE
ERROR
AMPLIFIER
gm = 2000µMho
Q2
FOLDBACK
CURRENT
LIMIT
CLAMP
BOOST
RS
FLIP-FLOP
DRIVER
CIRCUITRY
S
R
Q1
POWER
SWITCH
1.22V
4
10
14
SHDN 15
6
2
12
11
VC
LOCKOUT
COMPARATOR
SHUTDOWN
COMPARATOR
2.38V
×1
Q3
VC(MAX)
CLAMP
regulated output voltage). This will improve efficiency if
the BIAS pin voltage is lower than regulator input voltage.
High switch efficiency is attained by using the BOOST pin
to provide a voltage to the switch driver which is higher
than the input voltage, allowing switch to be saturated.
This boosted voltage is generated with an external
capacitor and diode. Two comparators are connected to
the shutdown pin. One has a 2.38V threshold for under-
voltage lockout and the second has a 0.4V threshold for
complete shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com