Electronic Components Datasheet Search
  English  ▼

X  

LT1616 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1616
Description  Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1616 Datasheet(HTML) 1 Page - Linear Technology

  LT1616 Datasheet HTML 1Page - Linear Technology LT1616 Datasheet HTML 2Page - Linear Technology LT1616 Datasheet HTML 3Page - Linear Technology LT1616 Datasheet HTML 4Page - Linear Technology LT1616 Datasheet HTML 5Page - Linear Technology LT1616 Datasheet HTML 6Page - Linear Technology LT1616 Datasheet HTML 7Page - Linear Technology LT1616 Datasheet HTML 8Page - Linear Technology LT1616 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LT1766/LT1766-5
1766fa
BOOST
VIN
6
2
10
12
10MQ060N
15.4k
VOUT
5V
1A
4
15
14
11
220pF
0.022
µF
*
†
FOR INPUT VOLTAGES BELOW 7.5V, SOME RESTRICTIONS MAY APPLY
TDK C4532X7R2A225K
1, 8, 9, 16
LT1766
SHDN
SYNC
SW
BIAS
FB
VC
GND
0.33
µF
100
µF 10V
SOLID
TANTALUM
47
µH
1N4148W
4.99k
1766 TA01
2.2
µF†
100V
CERAMIC
VIN
5.5V*
TO 60V
+
2.2k
ON
OFF
5.5V to 60V 1.5A, 200kHz
Step-Down Switching Regulator
s
Wide Input Range: 5.5V to 60V
s
1.5A Peak Switch Current
s
Constant 200kHz Switching Frequency
s
Saturating Switch Design: 0.2
Ω
s
Peak Switch Current Rating Maintained Over
Full Duty Cycle Range
s
Low Effective Supply Current: 2.5mA
s
Low Shutdown Current: 25
µA
s
1.2V Feedback Reference Voltage (LT1766)
s
5V Fixed Output (LT1766-5)
s
Easily Synchronizable
s
Cycle-by-Cycle Current Limiting
s
Small 16-Pin SSOP and Thermally Enhanced
TSSOP Packages
The LT
®1766/LT1766-5 are 200kHz monolithic buck
switching regulators that accept input voltages up to 60V.
A high efficiency 1.5A, 0.2
Ω switch is included on the die
along with all the necessary oscillator, control and logic cir-
cuitry. A current mode control architecture delivers fast
transient response and excellent loop stability.
Special design techniques and a new high voltage process
achieve high efficiency over a wide input range. Efficiency
is maintained over a wide output current range by using the
output to bias the circuitry and by utilizing a supply boost
capacitor to saturate the power switch. Patented circuitry*
maintains peak switch current over the full duty cycle range.
A shutdown pin reduces supply current to 25
µA and the
device can be externally synchronized from 228kHz to
700kHz with logic level inputs.
The LT1766/LT1766-5 are available in a 16-pin fused-lead
SSOP package or a TSSOP package with exposed backside
for improved thermal performance.
s
High Voltage, Industrial and Automotive
s
Portable Computers
s
Battery-Powered Systems
s
Battery Chargers
s
Distributed Power Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
5V Buck Converter
Efficiency vs Load Current
LOAD CURRENT (A)
0
80
90
100
1.00
1766 TA02
70
60
50
0.25
0.50
0.75
1.25
VIN = 12V
VIN = 42V
VOUT = 5V
L = 47
µH
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
*Patent # 6, 498, 466


Similar Part No. - LT1616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1616 LINER-LT1616 Datasheet
281Kb / 16P
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1616 LINER-LT1616 Datasheet
229Kb / 16P
1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LT1616 LINER-LT1616 Datasheet
286Kb / 16P
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1616ES6 LINER-LT1616ES6 Datasheet
281Kb / 16P
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1616 LINER-LT1616_15 Datasheet
286Kb / 16P
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
More results

Similar Description - LT1616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
Step-down Switching Regulator
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
Step-down Switching Regulator
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
Step-Down Switching Regulator
logo
ON Semiconductor
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
Step-down Switching Regulator
April, 2008 - Rev. 0
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
Step-down Switching Regulator
October, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com