Electronic Components Datasheet Search
  English  ▼

X  

LT1616 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1616
Description  Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1616 Datasheet(HTML) 3 Page - Linear Technology

  LT1616 Datasheet HTML 1Page - Linear Technology LT1616 Datasheet HTML 2Page - Linear Technology LT1616 Datasheet HTML 3Page - Linear Technology LT1616 Datasheet HTML 4Page - Linear Technology LT1616 Datasheet HTML 5Page - Linear Technology LT1616 Datasheet HTML 6Page - Linear Technology LT1616 Datasheet HTML 7Page - Linear Technology LT1616 Datasheet HTML 8Page - Linear Technology LT1616 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LT1766/LT1766-5
1766fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Current Limit
VC Open, Boost = VIN + 5V, FB = 1V or VSENSE = 4.1V
q
1.5
2
3
A
Switch On Resistance
ISW = 1.5A, Boost = VIN + 5V (Note 7)
0.2
0.3
Ω
q
0.4
Ω
Maximum Switch Duty Cycle
FB = 1V or VSENSE = 4.1V
93
96
%
q
90
%
Switch Frequency
VC Set to Give DC = 50%
184
200
216
kHz
q
172
200
228
kHz
fSW Line Regulation
5.5V
≤ VIN ≤ 60V
q
0.05
0.15
%/V
fSW Frequency Shifting Threshold
Df = 10kHz
0.8
V
Minimum Input Voltage
(Note 3)
q
4.6
5.5
V
Minimum Boost Voltage
(Note 4) ISW ≤ 1.5A
q
1.8
3
V
Boost Current (Note 5)
Boost = VIN + 5V, ISW = 0.5A
q
12
25
mA
Boost = VIN + 5V, ISW = 1.5A
q
45
70
mA
Input Supply Current (IVIN)
(Note 6) VBIAS = 5V
1.4
2.2
mA
Bias Supply Current (IBIAS)
(Note 6) VBIAS = 5V
2.9
4.2
mA
Shutdown Supply Current
SHDN = 0V, VIN ≤ 60V, SW = 0V, VC Open
25
75
µA
q
200
µA
Lockout Threshold
VC Open
q
2.3
2.42
2.53
V
Shutdown Thresholds
VC Open, Shutting Down
q
0.15
0.37
0.6
V
VC Open, Starting Up
q
0.25
0.45
0.6
V
Minimum SYNC Amplitude
q
1.5
2.2
V
SYNC Frequency Range
228
700
kHz
SYNC Input Resistance
20
k
Ω
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
VIN = 15V, VC = 1.5V, SHDN = 1V, BOOST open circuit, SW open circuit, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Gain is measured with a VC swing equal to 200mV above the low
clamp level to 200mV below the upper clamp level.
Note 3: Minimum input voltage is not measured directly, but is guaranteed
by other tests. It is defined as the voltage where internal bias lines are still
regulated so that the reference voltage and oscillator remain constant.
Actual minimum input voltage to maintain a regulated output will depend
upon output voltage and load current. See Applications Information.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 5: Boost current is the current flowing into the BOOST pin with the
pin held 5V above input voltage. It flows only during switch on time.
Note 6: Input supply current is the quiescent current drawn by the input
pin when the BIAS pin is held at 5V with switching disabled. Bias supply
current is the current drawn by the BIAS pin when the BIAS pin is held at
5V. Total input referred supply current is calculated by summing input
supply current (IVIN) with a fraction of bias supply current (IBIAS):
ITOTAL = IVIN + (IBIAS)(VOUT/VIN)
With VIN = 15V, VOUT = 5V, IVIN = 1.4mA, IBIAS = 2.9mA, ITOTAL = 2.4mA.
Note 7: Switch on resistance is calculated by dividing VIN to SW voltage by
the forced current (1.5A). See Typical Performance Characteristics for the
graph of switch voltage at other currents.
Note 8: The LT1766EGN, LT1766EGN-5, LT1766EFE and LT1766EFE-5 are
guaranteed to meet performance specifications from 0
°C to 125°C
junction temperature. Specifications over the –40
°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LT1766IGN,
LT1766IGN-5, LT1766IFE and LT1766IFE-5 are guaranteed over the full
–40
°C to 125°C operating junction temperature range.
Note 9: Transconductance and voltage gain refer to the internal amplifier
exclusive of the voltage divider. To calculate gain and transconductance,
refer to the SENSE pin on fixed voltage parts. Divide the values shown by
the ratio VOUT/1.219.
Note 10: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com