Electronic Components Datasheet Search
  English  ▼

X  

LT1616 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1616
Description  Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1616 Datasheet(HTML) 2 Page - Linear Technology

  LT1616 Datasheet HTML 1Page - Linear Technology LT1616 Datasheet HTML 2Page - Linear Technology LT1616 Datasheet HTML 3Page - Linear Technology LT1616 Datasheet HTML 4Page - Linear Technology LT1616 Datasheet HTML 5Page - Linear Technology LT1616 Datasheet HTML 6Page - Linear Technology LT1616 Datasheet HTML 7Page - Linear Technology LT1616 Datasheet HTML 8Page - Linear Technology LT1616 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LT1766/LT1766-5
1766fa
(Note 1)
Input Voltage (VIN) ................................................. 60V
BOOST Pin Above SW ............................................ 35V
BOOST Pin Voltage ................................................. 68V
SYNC, SENSE Voltage (LT1766-5) ........................... 7V
SHDN Voltage ........................................................... 6V
BIAS Pin Voltage .................................................... 30V
FB Pin Voltage/Current (LT1766) ................... 3.5V/2mA
ORDER PART
NUMBER
LT1766EFE
LT1766IFE
LT1766EFE-5
LT1766IFE-5
TJMAX = 125°C, θJA = 85°C/W, θJC (PIN 8) = 25°C/W
FOUR CORNER PINS SOLDERED
TO GROUND PLANE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
SW
NC
VIN
NC
BOOST
NC
GND
GND
SHDN
SYNC
NC
FB/SENSE
VC
BIAS
GND
Operating Junction Temperature Range
LT1766EFE/LT1766EFE-5/LT1766EGN/
LT1766EGN-5 (Note 8,10) ................. – 40
°C to 125°C
LT1766IFE/LT1766IFE-5/
LT1766IGN/LT1766IGN-5 (Note 8,10) – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
LT1766EGN
LT1766IGN
LT1766EGN-5
LT1766IGN-5
GN PART MARKING
1766
1766I
17665
1766I5
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
SW
NC
VIN
NC
BOOST
NC
GND
GND
SHDN
SYNC
NC
FB/SENSE
VC
BIAS
GND
17
TJMAX = 125°C, θJA = 45°C/W, θJC (PAD) = 10°C/W
EXPOSED PAD (PIN 17) IS GND.
MUST BE SOLDERED TO PCB
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage (VREF) (LT1766)
5.5V
≤ VIN ≤ 60V
1.204
1.219
1.234
V
VOL + 0.2 ≤ VC ≤ VOH – 0.2
q
1.195
1.243
V
SENSE Voltage (LT1766-5)
5.5V
≤ VIN ≤ 60V
4.94
5
5.06
V
VOL + 0.2V ≤ VC ≤ VOH – 0.2V
q
4.90
5.10
V
SENSE Pin Resistance (LT1766-5)
9.5
13.8
19
k
Ω
FB Input Bias Current (LT1766)
q
–0.5
–1.5
µA
Error Amp Voltage Gain
(Notes 2, 9)
200
400
V/V
Error Amp gm
dl (VC) = ±10µA (Note 9)
1500
2000
3000
µMho
q
1000
4200
µMho
VC to Switch gm
1.7
A/V
EA Source Current
FB = 1V or VSENSE = 4.1V
q
125
225
400
µA
EA Sink Current
FB = 1.4V or VSENSE = 5.7V
q
100
225
450
µA
VC Switching Threshold
Duty Cycle = 0
0.9
V
VC High Clamp
SHDN = 1V
2.1
V
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
VIN = 15V, VC = 1.5V, SHDN = 1V, BOOST open circuit, SW open circuit, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com