Electronic Components Datasheet Search
  English  ▼

X  

ESD8024 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ESD8024
Description  Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8024 Datasheet(HTML) 1 Page - ON Semiconductor

  ESD8024 Datasheet HTML 1Page - ON Semiconductor ESD8024 Datasheet HTML 2Page - ON Semiconductor ESD8024 Datasheet HTML 3Page - ON Semiconductor ESD8024 Datasheet HTML 4Page - ON Semiconductor ESD8024 Datasheet HTML 5Page - ON Semiconductor ESD8024 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
March, 2014 − Rev. 1
1
Publication Order Number:
ESD8024/D
ESD8024
Transient Voltage
Suppressors
Low Capacitance ESD Protection for
High Speed Data
The ESD8024 transient voltage suppressor is designed specifically
to protect Low Voltage Differential Signals (LVDS) for LCD panels.
Ultra−low capacitance and low ESD clamping voltage make this
device an ideal solution for protecting voltage sensitive data lines. The
integrated 24 lines of protection offers a simplified solution with
premier performance for LVDS applications.
Features
• Full Function LVDS Solution
• 4 pF Max, I/O to GND
• Protection for the Following IEC Standards:
IEC 61000−4−2 (ESD)
±8 kV (Contact)
IEC61000−4−5 (Lightning) 20 A (8/20
ms)
• UL Flammability Rating of 94 V−0
• This is a Pb−Free Device
Typical Applications
• LVDS
• LCD Panel TCON
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Lead Solder Temperature −
Maximum (10 Seconds)
TL
260
°C
IEC 61000−4−2 Contact (ESD)
IEC 61000−4−2 Air (ESD)
ESD
ESD
±30
±30
kV
kV
Maximum Peak Pulse Current
8/20 ms @ TA = 25°C
Ipp
20
A
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
QFN24
CASE 485L
http://onsemi.com
ESD8024MNTAG
QFN24
(Pb−Free)
4000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
8024
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
8024
ALYWG
G


Similar Part No. - ESD8024

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD8004 ONSEMI-ESD8004 Datasheet
537Kb / 11P
ESD Protection Diode
February, 2015 ??Rev. 5
ESD8004MUTAG ONSEMI-ESD8004MUTAG Datasheet
537Kb / 11P
ESD Protection Diode
February, 2015 ??Rev. 5
ESD8006 ONSEMI-ESD8006 Datasheet
1Mb / 12P
ESD Protection Diode
February, 2015 ??Rev. 4
ESD8006MUTAG ONSEMI-ESD8006MUTAG Datasheet
1Mb / 12P
ESD Protection Diode
February, 2015 ??Rev. 4
ESD8008 ONSEMI-ESD8008 Datasheet
198Kb / 9P
ESD Protection Diode
February, 2015 ??Rev. 4
More results

Similar Description - ESD8024

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
Transient Voltage Suppressors
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
TVS8501V5 ONSEMI-TVS8501V5 Datasheet
93Kb / 6P
Transient Voltage Suppressors
November, 2014 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
ESD3BL3V3WS SEMTECH_ELEC-ESD3BL3V3WS Datasheet
356Kb / 4P
Transient Voltage Suppressors
ESD9BL5V0BP SEMTECH_ELEC-ESD9BL5V0BP Datasheet
342Kb / 3P
Transient Voltage Suppressors
ESDB5V0WT SEMTECH_ELEC-ESDB5V0WT Datasheet
267Kb / 3P
Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com