Electronic Components Datasheet Search
  English  ▼

X  

ESD8024 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESD8024
Description  Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8024 Datasheet(HTML) 2 Page - ON Semiconductor

  ESD8024 Datasheet HTML 1Page - ON Semiconductor ESD8024 Datasheet HTML 2Page - ON Semiconductor ESD8024 Datasheet HTML 3Page - ON Semiconductor ESD8024 Datasheet HTML 4Page - ON Semiconductor ESD8024 Datasheet HTML 5Page - ON Semiconductor ESD8024 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ESD8024
http://onsemi.com
2
See Application Note AND8308/D for further description of survivability specs.
Pin 1
Pin 2
Pin 3
Pin 22 Pin 23 Pin 24
Center Pad
Figure 1. Pin Schematic
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
VRWM
Working Peak Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
VHOLD
Holding Reverse Voltage
IHOLD
Holding Reverse Current
RDYN
Dynamic Resistance
IPP
Maximum Peak Pulse Current
VC
Clamping Voltage @ IPP
VC = VHOLD + (IPP * RDYN)
I
V
VCVRWMVHOLD
VBR
RDYN
VC
IR
IT
IHOLD
−IPP
RDYN
IPP
VC = VHOLD + (IPP * RDYN)
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
All Pins (1−24) to GND (Note 1)
2.5
V
Forward Voltage
VF
IF = 10 mA, GND to All Pins (1−24)
0.5
0.85
1.1
V
Breakdown Voltage
VBR
IT = 1 mA, All Pins (1−24) to GND
5.5
7.0
9.0
V
Reverse Leakage Current
IR
VRWM = 2.5 V, All Pins (1−24) to GND
0.5
mA
Holding Reverse Voltage
VHOLD
I/O Pin to GND
1
1.5
V
Holding Reverse Current
IHOLD
I/O Pin to GND
50
mA
Clamping Voltage
VC
IPP = 1 A, All Pins (1−24) to GND (8/20 ms pulse)
4.0
V
Clamping Voltage
VC
IPP = 10 A, All Pins (1−24) to GND (8/20 ms pulse)
7.0
V
Clamping Voltage
VC
IPP = 15 A, All Pins (1−24) to GND (8/20 ms pulse)
8.0
V
Clamping Voltage
VC
IEC61000−4−2, ±8 kV Contact
See Figures 2 and 3
V
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz between I/O Pins
2.0
pF
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz between I/O Pins and GND
4.0
pF
1. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com