Electronic Components Datasheet Search
  English  ▼

X  

ESD8024 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ESD8024
Description  Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8024 Datasheet(HTML) 4 Page - ON Semiconductor

  ESD8024 Datasheet HTML 1Page - ON Semiconductor ESD8024 Datasheet HTML 2Page - ON Semiconductor ESD8024 Datasheet HTML 3Page - ON Semiconductor ESD8024 Datasheet HTML 4Page - ON Semiconductor ESD8024 Datasheet HTML 5Page - ON Semiconductor ESD8024 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ESD8024
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 8. RF Insertion Loss
FREQUENCY (Hz)
9E9
1E9
1E8
1E7
1E6
−20
−18
−14
−12
−10
−6
−4
0
−16
−8
−2
Figure 9. Capacitance over Frequency
FREQUENCY (GHz)
3.00
2.55
2.05
1.55
1.05
0.55
0.05
0
0.5
1.0
1.5
2.0
3.0
3.5
4.0
2.5
PCB Layout Guidelines
Steps must be taken for proper placement and signal trace
routing of the protection device in order to ensure the
maximum survivability and signal integrity for the
application. Such steps are listed below.
• Place the protection device as close as possible to the
I/O connector to reduce the transient path to ground and
improve the protection performance.
♦ Consequently, place the device under protection as
far as possible from the protection device to help
further improve protection performance.
• Keep trace lengths connecting protection device pins to
data lines as short as possible. These “stub” traces, if
long enough, can create voltage drops that impede the
turn-on of the protection device.
• Make sure to use differential design methodology and
impedance matching of all high speed signal traces.
♦ Use curved traces when possible to avoid unwanted
reflections.
♦ Keep the trace lengths equal between the positive
and negative lines of the differential data lanes to
avoid common mode noise generation and
impedance mismatch.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com