Electronic Components Datasheet Search
  English  ▼

X  

ESD8024 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ESD8024
Description  Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8024 Datasheet(HTML) 3 Page - ON Semiconductor

  ESD8024 Datasheet HTML 1Page - ON Semiconductor ESD8024 Datasheet HTML 2Page - ON Semiconductor ESD8024 Datasheet HTML 3Page - ON Semiconductor ESD8024 Datasheet HTML 4Page - ON Semiconductor ESD8024 Datasheet HTML 5Page - ON Semiconductor ESD8024 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ESD8024
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 2. IEC61000−4−5 8/20 ms Pulse
Waveform
Figure 3. Clamping Voltage vs. Peak Pulse
Current (tp = 8/20 ms per Figure 2)
Ipk (A)
25
20
15
30
10
5
0
0
2
6
8
10
14
18
20
4
12
16
GND−IO
IO−GND
TIME (ms)
50
0
100
tr = rise time to peak value [8 ms]
tf = decay time to half value [20 ms]
tr
tf
Peak
Value
Half Value
0
Figure 4. IEC61000−4−2 + 8 kV Contact
Clamping Voltage
TIME (ns)
120
100
80
60
40
20
0
−20
−10
0
10
30
50
60
80
90
Figure 5. IEC61000−4−2 − 8 kV Contact
Clamping Voltage
Figure 6. IV Characteristics
TIME (ns)
V (V)
120
100
80
60
40
20
0
−20
−90
−80
−60
−50
−40
−20
−10
10
7
5
4
3
2
0
−1
−2
1.E−10
Figure 7. CV Characteristics
VBias (V)
3.0
2.5
2.0
3.5
1.5
1.0
0.5
0
0
0.5
1.5
2.0
2.5
3.5
4.0
5.0
140
20
40
70
140
−70
−30
0
16
8
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.0
3.0
4.5
IO−IO
IO−GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com