Electronic Components Datasheet Search
  English  ▼

X  

READ2302G Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # READ2302G
Description  CMOS Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ2302G Datasheet(HTML) 4 Page - Renesas Technology Corp

  READ2302G Datasheet HTML 1Page - Renesas Technology Corp READ2302G Datasheet HTML 2Page - Renesas Technology Corp READ2302G Datasheet HTML 3Page - Renesas Technology Corp READ2302G Datasheet HTML 4Page - Renesas Technology Corp READ2302G Datasheet HTML 5Page - Renesas Technology Corp READ2302G Datasheet HTML 6Page - Renesas Technology Corp READ2302G Datasheet HTML 7Page - Renesas Technology Corp READ2302G Datasheet HTML 8Page - Renesas Technology Corp READ2302G Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
READ2302G
R03DS0097EJ0200 Rev.2.00
Page 4 of 8
Apr. 17, 2017
Electrical Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
234
56
VDD - Supply voltage - V
IDD /ch vs. VDD
TA=25°C
VIN=1/2VDD
VDD=2.5V
VDD=5V
VDD=5.5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
0
50
100
TA - Operating temp. range - °C
IDD /ch vs. TA
-6
-4
-2
0
2
4
6
23
456
VDD - Supply voltage - V
VIO vs. VDD
TA=25°C
VIN=1/2VDD
each 3 samples data
VDD=2.5V
VDD=5V
VDD=5.5V
-6
-4
-2
0
2
4
6
-50
0
50
100
TA - Operating temp. range - °C
VIO vs. TA
-200
-150
-100
-50
0
50
100
150
200
0
123
45
VIN - Input voltage - V
IB vs. VIN
TA=25°C
VDD=5V
-500
0
500
1000
1500
-50
0
50
100
150
TA - Operating temp. range - °C
IB vs. TA
VDD=5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com