Electronic Components Datasheet Search
  English  ▼

X  

READ2302G Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # READ2302G
Description  CMOS Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ2302G Datasheet(HTML) 7 Page - Renesas Technology Corp

  READ2302G Datasheet HTML 1Page - Renesas Technology Corp READ2302G Datasheet HTML 2Page - Renesas Technology Corp READ2302G Datasheet HTML 3Page - Renesas Technology Corp READ2302G Datasheet HTML 4Page - Renesas Technology Corp READ2302G Datasheet HTML 5Page - Renesas Technology Corp READ2302G Datasheet HTML 6Page - Renesas Technology Corp READ2302G Datasheet HTML 7Page - Renesas Technology Corp READ2302G Datasheet HTML 8Page - Renesas Technology Corp READ2302G Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
READ2302G
R03DS0097EJ0200 Rev.2.00
Page 7 of 8
Apr. 17, 2017
-40
0
40
80
120
160
200
-20
0
20
40
60
80
100
10
100
1K
10K
100K
1M
10M
100M
f - Frequency - Hz
AV, φ vs. f
VDD=5V
CL=20pF
TA=25°C
0
20
40
60
80
100
10
100
1K
10K
100K
1M
10M
f - Frequency - Hz
CMRR vs. f
VDD=5V
CL=20pF
TA=25°C
SVRR+ (VSS=-5V)
SVRR- (VDD=5V)
0
20
40
60
80
100
10
100
1K
10K
100K
1M
10M
f - Frequency - Hz
SVRR vs. f
CL=20pF
TA=25°C
0
20
40
60
80
100
120
140
10
100
1K
10K
100K
1M
10M
f - Frequency - Hz
Channel separation vs. f
VDD=5V
CL=20pF
TA=25°C
CH1
→CH2
CH2
→CH1
Gain=0dB , VIN=5.0VP-P
Gain=20dB , VIN=0.5VP-P
Gain=40dB , VIN=50mVP-P
0
1
2
3
4
5
10
1K
100K
10M
f - Frequency - Hz
Vom vs. f
VDD=5V
TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com