Electronic Components Datasheet Search
  English  ▼

X  

READ2302G Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # READ2302G
Description  CMOS Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ2302G Datasheet(HTML) 5 Page - Renesas Technology Corp

  READ2302G Datasheet HTML 1Page - Renesas Technology Corp READ2302G Datasheet HTML 2Page - Renesas Technology Corp READ2302G Datasheet HTML 3Page - Renesas Technology Corp READ2302G Datasheet HTML 4Page - Renesas Technology Corp READ2302G Datasheet HTML 5Page - Renesas Technology Corp READ2302G Datasheet HTML 6Page - Renesas Technology Corp READ2302G Datasheet HTML 7Page - Renesas Technology Corp READ2302G Datasheet HTML 8Page - Renesas Technology Corp READ2302G Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
READ2302G
R03DS0097EJ0200 Rev.2.00
Page 5 of 8
Apr. 17, 2017
VDD=2.5V
VDD=5V
VDD=5.5V
0
2
4
6
8
10
12
14
16
-50
0
50
100
TA - Operating temp. range - °C
SR vs. TA (Output rise time)
CL=20pF
VDD=2.5V
VDD=5V
VDD=5.5V
0
2
4
6
8
10
12
14
16
-50
0
50
100
TA - Operating temp. range - °C
SR vs. TA (Output fall time)
CL=20pF
t - Time - μs
T
A=25°C
V
DD=5V
V
O=100mV
C
L=20pF
(time 10μs/div)
Pulse response
Pulse response
t - Time - μs
T
A=25°C
V
DD=5V
V
O=4.8V
C
L=20pF
(time 10μs/div)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com