Electronic Components Datasheet Search
  English  ▼

X  

READ2302G Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # READ2302G
Description  CMOS Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ2302G Datasheet(HTML) 1 Page - Renesas Technology Corp

  READ2302G Datasheet HTML 1Page - Renesas Technology Corp READ2302G Datasheet HTML 2Page - Renesas Technology Corp READ2302G Datasheet HTML 3Page - Renesas Technology Corp READ2302G Datasheet HTML 4Page - Renesas Technology Corp READ2302G Datasheet HTML 5Page - Renesas Technology Corp READ2302G Datasheet HTML 6Page - Renesas Technology Corp READ2302G Datasheet HTML 7Page - Renesas Technology Corp READ2302G Datasheet HTML 8Page - Renesas Technology Corp READ2302G Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R03DS0097EJ0200 Rev.2.00
Page 1 of 8
Apr. 17, 2017
Data Sheet
READ2302G
High Drivability & High Slew Rate, Input Output Full Range,
CMOS Dual Operational Amplifier
VIO≤±6mV, SR=8V/μs, GBW=6MHz
Description
The READ2302G is input and output full range dual CMOS Operational Amplifier realizing high drivability and high
slew rate. This IC can be used in minimum operating supply voltage from 2.5V, and in wide ambient temperature range
from -40oC to +105oC.
Available in ultra-small 8 pins TSSOP packages.
Features
 Low voltage single supply operation
VDD = 2.5V to 5.5V
 Low input offset voltage
VIO ≤ ±6.0mV
 Low input bias current
IB ≤ (1pA).
 Wide output voltage range
VOUT : VSS+0.1V to VDD-0.1V(@Io=5mA)
 Supply current (per channel)
IDD = 0.75mA Typ.
 High slew rate
SR = 8V/μs Typ.
( ) reference value of design
Product Line-up
Type name
Product type quality level
Package
READ2302GSP
High slew rate with Normal quality level
8 pins plastic TSSOP
R03DS0097EJ0200
Rev.2.00
Apr. 17, 2017


Similar Part No. - READ2302G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
READ2301G RENESAS-READ2301G Datasheet
633Kb / 8P
CMOS Dual Operational Amplifier
READ2303G RENESAS-READ2303G Datasheet
1,009Kb / 9P
Ultra-Small Low Voltage Drive Input Output Full Range
2020.08.20
READ2303G RENESAS-READ2303G Datasheet
417Kb / 9P
Ultra-Small Low Voltage Drive Input Output Full Range CMOS Dual Operational Amplifier VIO≤±6mV, SR=0.35V/μs, GBW=550KHz
Rev.2.00 Mar.3.25
READ2303GSN RENESAS-READ2303GSN Datasheet
1,009Kb / 9P
Ultra-Small Low Voltage Drive Input Output Full Range
2020.08.20
READ2303GSN#GC0 RENESAS-READ2303GSN#GC0 Datasheet
417Kb / 9P
Ultra-Small Low Voltage Drive Input Output Full Range CMOS Dual Operational Amplifier VIO≤±6mV, SR=0.35V/μs, GBW=550KHz
Rev.2.00 Mar.3.25
More results

Similar Description - READ2302G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6032 NSC-LMC6032 Datasheet
291Kb / 13P
CMOS Dual Operational Amplifier
LMC662 NSC-LMC662 Datasheet
430Kb / 13P
CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM854AA-S ELM-TECH-ELM854AA-S Datasheet
206Kb / 9P
CMOS Dual operational amplifier
logo
Texas Instruments
LMC662AIMX TI1-LMC662AIMX Datasheet
1Mb / 23P
LMC662 CMOS Dual Operational Amplifier
logo
ELM Electronics
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
CMOS Dual Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
CMOS Dual operational amplifier
logo
Renesas Technology Corp
READ2352J RENESAS-READ2352J Datasheet
611Kb / 9P
CMOS Dual Operational Amplifier
READ2351J RENESAS-READ2351J Datasheet
610Kb / 8P
CMOS Dual Operational Amplifier
READ2301G RENESAS-READ2301G Datasheet
633Kb / 8P
CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com