Electronic Components Datasheet Search
  English  ▼

X  

ACE527H Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE527H
Description  Low Noise, High PSRR LDO Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE527H Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE527H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ACE527H
Low Noise, High PSRR LDORegulator
VER 1.3
4
Thermal Information
Parameter
Value
Continuous Junction Temperature Range
-40℃to150℃
Storage Temperature Range
-65℃to150℃
Lead Temperature (Soldering, 10 second)
260℃
Package Thermal
Resistance
(Note 1)
TSOT23-5, JA
250℃/W
TSOT23-5, JC
25℃/W
TSOT23-6, JA
250℃/W
TSOT23-6, JC
25℃/W
WDFN1.6*1.6-6L, JA
150℃/W
WDFN1.6*1.6-6L,JC
30℃/W
Maximum Power
Dissipation, PD @ T
A
= 25℃
(Note 2)
TSOT23-5
0.4W
TSOT23-6
0.4W
WDFN1.6*1.6-6L
0.67W
Recommended Operation Condition
Parameter
Value
Continuous Junction Temperature Range
-40℃to 125℃
Ambient Temperature Range
-40℃to 85℃
Input Voltage Range
2.2V to 6.0V
Note 1: The Thermal Resistance specifications are based on a JEDEC standard JESD51-3 single-layer PCB. θJA will vary with
board size and copper area.
Note 2: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ-MAX, the
junction-to-ambient thermal resistance,θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any
ambient temperature is calculated using: PD(MAX) = (TD(MAX) - TA)/θJA. The maximum power dissipation is determined using TA=
25℃, and TJ(MAX)= 125℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com