Electronic Components Datasheet Search
  English  ▼

X  

ACE527H Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE527H
Description  Low Noise, High PSRR LDO Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE527H Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE527H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 9Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 10Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 11Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 12Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 13Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 14Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 15Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ACE527H
Low Noise, High PSRR LDORegulator
VER 1.3
11
Application Information
Capacitors Selection
Select carefully the external capacitors carefully to ensure stability and performance. Place the externally
capacitors close to the IC with a distance no longer than 0.5 inches.
The input capacitor C
IN with larger value and lower ESR (equivalent series resistance) provides better
PSRR and line-transient response.
The ACE527H is specifically designed to work with low ESR ceramic output capacitor in space-saving
and performance consideration. A 1uF ceramic capacitor is adequate for stable operation. However, for
best load and line transient response, output capacitor larger than 4.7uF is recommended.
Power Supply Rejection Ration (PSRR)
PSRR is a measure of how well a circuit rejects ripple coming from the input power supply at various
frequencies and is very critical in many RF and wireless applications. PSRR is defined as the gain from
the input ripple to output ripple over a wide frequency range (10Hz to 10MHz), Note that at heavy load
measuring, ∆VIN will cause temperature deviation. Temperature will cause ∆VOUT voltage. So the heavy
load PSRR measuring includes temperature effect.
Thermal Consideration
The maximum power dissipation is specified as:
where T
J(MAX) is the maximum operation junction temperature, TA is the ambient temperature and θJA is the
junction to ambient thermal resistance.
The ACE527H features thermal protection that shuts down the IC if the junction temperature is higher
than 160℃.
However, the power dissipation should be well designed to keep the continuous junction temperature
below 125℃ for maximum reliability.
θ
JA depends on the thermal resistance of the package, PCB layout, surrounding airflow. For SOT-23-5
package, the thermal resistance θ
JA is 250℃/W on the standard JEDEC 51-3 single layer thermal test
board. The maximum power dissipation at TA = 25℃ can be calculated as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com