Electronic Components Datasheet Search
  English  ▼

X  

ACE527H Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE527H
Description  Low Noise, High PSRR LDO Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE527H Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE527H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 9Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ACE527H
Low Noise, High PSRR LDORegulator
VER 1.3
6
Operation Principles
The ACE527H low dropout regulator (LDO) operates with a very low input voltage (>2.2V). The ACE527H
can operate at low input voltage due to low voltage circuit design techniques and a PMOS pass element
that exhibits low dropout. The dropout voltage is typically 420mV at 600mA output current.
Chip Enable
Typical quiescent current is only 65uA. A logic low on the enable input, CE, shuts down the output and
reduces the supply current to less than 1uA. The CE pin is internally pulled down by a 1uA current source
and may be tied to VIN in applications where the shutdown feature is not used.
Output Discharging Resistor
An internal
100Ω MOSFET is connected to VOUT pin and discharges the output voltage to ground when
the chip is disabled or thermal protection is triggered.
Soft Start
The ACE527H features adjustable soft start where SS pin is available. A 8uA current source charges the
soft start capacitor CSS and clamps output voltage ramping up speed. The soft start time is calculated as:
A 1nF yields 100ns soft start time. The soft start time is fixed as 100us where SS pin is not available
Output Voltage Programming
The output voltage of the ACE527H adjustable regulator is programmed using an external resistive
divider as shown in the typical application circuit. The output voltage is calculated as:
Where V
REF = 0.8V type (the internal reference voltage.)
Resistors R1 and R2 should be chosen for approximately 10uA divider current. Lower value resistors can be
used but offer no inherent advantage and waste more power. Higher values should be avoided as leakage
currents at FB increase the output voltage error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com